Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KL34FSK Datasheet(PDF) 6 Page - APEM

Part # KL34FSK
Description  Locking power rocker switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM

KL34FSK Datasheet(HTML) 6 Page - APEM

Back Button KL34FSK Datasheet HTML 2Page - APEM KL34FSK Datasheet HTML 3Page - APEM KL34FSK Datasheet HTML 4Page - APEM KL34FSK Datasheet HTML 5Page - APEM KL34FSK Datasheet HTML 6Page - APEM KL34FSK Datasheet HTML 7Page - APEM KL34FSK Datasheet HTML 8Page - APEM KL34FSK Datasheet HTML 9Page - APEM KL34FSK Datasheet HTML 10Page - APEM Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
KL series
Locking power rocker switches
TERMINALS
(CONTINUED)
BASIC P/N
CASE + LEDS
ACTUATOR
NORMALIZED QUICK-CONNECT 6.35X0.8
3
6 terminals with barrier
5
6 terminals w/o barrier
D
10 terminals with barrier
E
10 terminals w/o barrier
F
10 terminals for use with connector U2292 or U3152
NORMALIZED QUICK-CONNECT 2.8X0.8
G
10 terminals with barrier
H
10 terminals w/o barrier
J
10 terminals for use with connector U2282
Normalized quick-connect 6.35x0.8
Normalized quick-connect 2.8x0.8
2.80x0.80
(.110x.031)
(.047DIA)
Ø1.20
CONTACT MATERIALS
BASIC P/N
CASE + LEDS
ACTUATOR
6 TERMINAL VERSION
10 TERMINAL VERSION
(.269)
6.85
11.30
(.445)
5.85
(.230)
(.280)
7.10
ECHELLE: 0.625
le 18/03/08
FICHIER: CKLCO-P5
indice A
CKLCO-A
Terminals are marked on the case. The drawings show the maximum possible number of terminals.
(.269)
6.85
11.30
(.445)
5.85
(.230)
(.280)
7.10
ECHELLE: 0.625
le 18/03/08
FICHIER: CKLCO-P5
indice A
CKLCO-A
A
Silver
D
Silver, gold plated
S
Silver 20A. For all functions except 4 and 4-1R - for normalized quick-connect terminals 6.35x0.8 only.
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com