Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29F016D Datasheet(PDF) 21 Page - STMicroelectronics

Part # M29F016D
Description  16 Mbit (2Mb x8, Uniform Block) 5V Supply Flash Memory
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F016D Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M29F016D_05 Datasheet HTML 17Page - STMicroelectronics M29F016D_05 Datasheet HTML 18Page - STMicroelectronics M29F016D_05 Datasheet HTML 19Page - STMicroelectronics M29F016D_05 Datasheet HTML 20Page - STMicroelectronics M29F016D_05 Datasheet HTML 21Page - STMicroelectronics M29F016D_05 Datasheet HTML 22Page - STMicroelectronics M29F016D_05 Datasheet HTML 23Page - STMicroelectronics M29F016D_05 Datasheet HTML 24Page - STMicroelectronics M29F016D_05 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
21/37
M29F016D
Figure 12. Write AC Waveforms, Chip Enable Controlled
Table 12. Write AC Characteristics, Chip Enable Controlled
Note: 1. Sampled only, not 100% tested.
Symbol
Alt
Parameter
M29F016D
Unit
55
70/ 90
tAVAV
tWC
Address Valid to Next Address Valid
Min
55
70
ns
tWLEL
tWS
Write Enable Low to Chip Enable Low
Min
0
0
ns
tELEH
tCP
Chip Enable Low to Chip Enable High
Min
45
45
ns
tDVEH
tDS
Input Valid to Chip Enable High
Min
45
45
ns
tEHDX
tDH
Chip Enable High to Input Transition
Min
0
0
ns
tEHWH
tWH
Chip Enable High to Write Enable High
Min
0
0
ns
tEHEL
tCPH
Chip Enable High to Chip Enable Low
Min
20
20
ns
tAVEL
tAS
Address Valid to Chip Enable Low
Min
0
0
ns
tELAX
tAH
Chip Enable Low to Address Transition
Min
45
45
ns
tGHEL
Output Enable High Chip Enable Low
Min
0
0
ns
tEHGL
tOEH
Chip Enable High to Output Enable Low
Min
0
0
ns
tEHRL
(1)
tBUSY
Program/Erase Valid to RB Low
Max
30
30
ns
tVCHWL
tVCS
VCC High to Write Enable Low
Min
50
50
µs
AI05274
E
G
W
A0-A20
DQ0-DQ7
VALID
VALID
VCC
tVCHWL
tEHWH
tEHEL
tWLEL
tAVEL
tEHGL
tELAX
tEHDX
tAVAV
tDVEH
tELEH
tGHEL
RB
tEHRL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com