Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29F016D Datasheet(PDF) 22 Page - STMicroelectronics

Part # M29F016D
Description  16 Mbit (2Mb x8, Uniform Block) 5V Supply Flash Memory
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F016D Datasheet(HTML) 22 Page - STMicroelectronics

Back Button M29F016D_05 Datasheet HTML 18Page - STMicroelectronics M29F016D_05 Datasheet HTML 19Page - STMicroelectronics M29F016D_05 Datasheet HTML 20Page - STMicroelectronics M29F016D_05 Datasheet HTML 21Page - STMicroelectronics M29F016D_05 Datasheet HTML 22Page - STMicroelectronics M29F016D_05 Datasheet HTML 23Page - STMicroelectronics M29F016D_05 Datasheet HTML 24Page - STMicroelectronics M29F016D_05 Datasheet HTML 25Page - STMicroelectronics M29F016D_05 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
M29F016D
22/37
Figure 13. Reset/Block Temporary Unprotect AC Waveforms
Table 13. Reset/Block Temporary Unprotect AC Characteristics
Note: 1. Sampled only, not 100% tested.
Symbol
Alt
Parameter
M29F016D
Unit
55
70/ 90
tPHWL
(1)
tPHEL
tPHGL
(1)
tRH
RP High to Write Enable Low, Chip Enable Low,
Output Enable Low
Min
50
50
ns
tRHWL
(1)
tRHEL
(1)
tRHGL
(1)
tRB
RB High to Write Enable Low, Chip Enable Low,
Output Enable Low
Min
0
0
ns
tPLPX
tRP
RP Pulse Width
Min
500
500
ns
tPLYH
(1)
tREADY RP Low to Read Mode
Max
10
10
µs
tPHPHH
(1)
tVIDR
RP Rise Time to VID
Min
500
500
ns
AI02931B
RB
W,
RP
tPLPX
tPHWL, tPHEL, tPHGL
tPLYH
tPHPHH
E, G
tRHWL, tRHEL, tRHGL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com