Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29F016D Datasheet(PDF) 17 Page - STMicroelectronics

Part # M29F016D
Description  16 Mbit (2Mb x8, Uniform Block) 5V Supply Flash Memory
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F016D Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M29F016D Datasheet HTML 13Page - STMicroelectronics M29F016D Datasheet HTML 14Page - STMicroelectronics M29F016D Datasheet HTML 15Page - STMicroelectronics M29F016D Datasheet HTML 16Page - STMicroelectronics M29F016D Datasheet HTML 17Page - STMicroelectronics M29F016D Datasheet HTML 18Page - STMicroelectronics M29F016D Datasheet HTML 19Page - STMicroelectronics M29F016D Datasheet HTML 20Page - STMicroelectronics M29F016D Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
17/37
M29F016D
DC AND AC PARAMETERS
This section summarizes the operating measure-
ment conditions, and the DC and AC characteris-
tics of the device. The parameters in the DC and
AC characteristics Tables that follow, are derived
from tests performed under the Measurement
Conditions summarized in Table 7, Operating and
AC Measurement Conditions. Designers should
check that the operating conditions in their circuit
match the operating conditions when relying on
the quoted parameters.
Table 7. Operating and AC Measurement Conditions
Figure 8. AC Measurement I/O Waveform
Figure 9. AC Measurement Load Circuit
Table 8. Device Capacitance
Note: Sampled only, not 100% tested.
Parameter
M29F016D
Unit
55
70/ 90
Min
Max
Min
Max
VCC Supply Voltage
4.5
5.5
4.5
5.5
V
Ambient Operating Temperature
– 40
85
– 40
85
°C
Load Capacitance (CL)
30
100
pF
Input Rise and Fall Times
10
10
ns
Input Pulse Voltages
0 to 3
0.45 to 2.4
V
Input and Output Timing Ref. Voltages
1.5
0.8 and 2.0
V
AI05276
3V
High Speed (55ns)
0V
1.5V
2.4V
Standard (70, 90ns)
0.45V
2.0V
0.8V
AI05277
1.3V
OUT
CL
CL includes JIG capacitance
3.3k
Ω
1N914
DEVICE
UNDER
TEST
VCC
0.1µF
Symbol
Parameter
Test Condition
Min
Max
Unit
CIN
Input Capacitance
VIN = 0V
6pF
COUT
Output Capacitance
VOUT = 0V
12
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com