Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29F016D Datasheet(PDF) 20 Page - STMicroelectronics

Part # M29F016D
Description  16 Mbit (2Mb x8, Uniform Block) 5V Supply Flash Memory
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F016D Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M29F016D Datasheet HTML 16Page - STMicroelectronics M29F016D Datasheet HTML 17Page - STMicroelectronics M29F016D Datasheet HTML 18Page - STMicroelectronics M29F016D Datasheet HTML 19Page - STMicroelectronics M29F016D Datasheet HTML 20Page - STMicroelectronics M29F016D Datasheet HTML 21Page - STMicroelectronics M29F016D Datasheet HTML 22Page - STMicroelectronics M29F016D Datasheet HTML 23Page - STMicroelectronics M29F016D Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
M29F016D
20/37
Figure 11. Write AC Waveforms, Write Enable Controlled
Table 11. Write AC Characteristics, Write Enable Controlled
Note: 1. Sampled only, not 100% tested.
Symbol
Alt
Parameter
M29F016D
Unit
55
70/ 90
tAVAV
tWC
Address Valid to Next Address Valid
Min
55
70
ns
tELWL
tCS
Chip Enable Low to Write Enable Low
Min
0
0
ns
tWLWH
tWP
Write Enable Low to Write Enable High
Min
45
45
ns
tDVWH
tDS
Input Valid to Write Enable High
Min
45
45
ns
tWHDX
tDH
Write Enable High to Input Transition
Min
0
0
ns
tWHEH
tCH
Write Enable High to Chip Enable High
Min
0
0
ns
tWHWL
tWPH
Write Enable High to Write Enable Low
Min
20
20
ns
tAVWL
tAS
Address Valid to Write Enable Low
Min
0
0
ns
tWLAX
tAH
Write Enable Low to Address Transition
Min
45
45
ns
tGHWL
Output Enable High to Write Enable Low
Min
0
0
ns
tWHGL
tOEH
Write Enable High to Output Enable Low
Min
0
0
ns
tWHRL
(1)
tBUSY
Program/Erase Valid to RB Low
Max
30
30
ns
tVCHEL
tVCS
VCC High to Chip Enable Low
Min
50
50
µs
AI05273
E
G
W
A0-A20
DQ0-DQ7
VALID
VALID
VCC
tVCHEL
tWHEH
tWHWL
tELWL
tAVWL
tWHGL
tWLAX
tWHDX
tAVAV
tDVWH
tWLWH
tGHWL
RB
tWHRL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com