Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMC-150LPC-R Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # IMC-150LPC-R
Description  Hardened PoE Long Reach Ethernet Extender via Coaxial
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

IMC-150LPC-R Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  IMC-150LPC-R Datasheet HTML 1Page - Advantech Co., Ltd. IMC-150LPC-R Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
IMC-150LPC
Dimensions
Deployment
Unit: mm [inch]
Panel Cut-out Dimensions (W x H x D): 84 x 80 x 25 mm (3.307 x 3.15 x 0.984 in.)
Note1: Advantech uses RG59 coaxial cables of Belden’s 551945 010100, with the DCR conductor resistance value of 15 Ohm/1000ft to conduct tests. The transmitted output power and distance depends on resistance
value of coaxial cables installed at field sites.
Note2: The power consumption and power output of IMC-150LPC-M depend on the PD load and the coaxial cable quality and length.
84 [3.307]
84 [3.307]
62 [2.441]
9 [0.354]
4-M3 Screw Hole
80 [3.150]
80 [3.150]
Scenario I
Scenario II
Scenario III
Control Center
Remote Site
External Power 802.3at PSE (30.8W)
802.3af PD (12.95W)
100 meter
100 meter
300 meter
PoE switch
BNC RG59 coaxial cable
IMC-150LPC-M
IMC-150LPC-R
External Power 802.3at PSE (30.8W)
802.3at PD (25.5W)
100 meter
100 meter
300 meter
PoE switch
BNC RG59 coaxial cable
IMC-150LPC-M
IMC-150LPC-R
External Power
Power
DATA
PoE/ DATA with power
802.3af PD (>12.95W)
100 meter
100 meter
300 meter
Switch
BNC RG59 coaxial cable
IMC-150LPC-M
IMC-150LPC-R



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com