Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMC-150LPC-R Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # IMC-150LPC-R
Description  Hardened PoE Long Reach Ethernet Extender via Coaxial
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

IMC-150LPC-R Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  IMC-150LPC-R Datasheet HTML 1Page - Advantech Co., Ltd. IMC-150LPC-R Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Ethernet Solutions
Features
RoHS
COMPLIANT
2002/95/EC
Hardened PoE Long Reach Ethernet
Extender via Coaxial
IMC-150LPC
ƒ
Delivers data up to 300 m (985 ft) at 100Mbps with power via coaxial cable
ƒ
Extends power >15.4 watt power with 300 m (985 ft) long coaxial cable
ƒ
Railway Trackside EN 50121-4 EMC certified
ƒ
Features copper-based Link Fault Pass Through (LFPT)
ƒ
Supports Remote PD power ON/OFF by disabling/enabling port via
management switch
Introduction
Advantech’s IMC-150LPC-M and IMC-150LPC-R are designed to be used as a pair. IMC-150LPC-M is designed for use at a central site while IMC 150LPC-R is used at a remote
site. Both devices are capable of extending data and power transmission by >15.4W at 300 m (985 ft) using extant coaxial cables. Indeed, this solution converts analogue cables into
Ethernet connection cables while saving on installation/digitalization costs. IMC-150LPC-M and IMC-150LPC-R further support PD power-off via a management switch to enable users
to control the unit remotely. This series is compliant with EN50121-4 standards for trackside installation and is capable of withstanding electromagnetic interference for rail networks.
Specifications
Communications
ƒ
Standard
IEEE 802.3, 802.3u, 802.3x, 802.3at/af
ƒ
LAN
10BASE-T/100BASE-TX
ƒ
Transmission Distances *Up to 300 meter
ƒ
Transmission Speed
Up to 100 Mbps
Interface
ƒ
Connectors
1 x 10/100Mbps RJ-45
1 x 10/100Mbps BNC Female
ƒ
DIP Switch
PIN 1 LFPT ON/OFF
PIN 2 (reserved, no function)
ƒ
LED Indicators
PWR/PoE
P1: LNK/ACT P2: LNK/ACT
Power
ƒ
Power Consumption
*IMC-150LPC-M: 23.5W
ƒ
Power Input
54~57VDC
ƒ
Power Output
*IMC-150LPC-R: >15.4W
ƒ
Connectors
2P Pluggable Terminal Block, DC Jack
Physical
ƒ
Enclosure
IP30, Metal shell with solid mounting kits
ƒ
Dimensions (W x H x D) 84 x 80 x 25 mm (3.3 x 3.15 x .984 in)
ƒ
Mounting
Wall
Protection
ƒ
Reverse Polarity
Present
Environment
ƒ
Operating Temperature -40 ~ 75 °C (-40 ~ 167 °F)
ƒ
Storage Temperature
-40 ~ 85 °C (-40 ~ 185 °F)
ƒ
Operating Humidity
10 ~ 95% (non-condensing)
ƒ
Storage Humidity
10 ~ 95% (non-condensing)
Certifications
ƒ
Safety
LVD EN62368
ƒ
EMI
CE, FCC,
ƒ
EMS
EN 61000-4-2
EN 61000-4-3
EN 61000-4-4
EN 61000-4-5
EN 61000-4-6
EN 61000-4-8
ƒ
Railway Trackside
EN 50121-4
ƒ
Shock
IEC 60068-2-27
ƒ
Freefall
IEC 60068-2-32
ƒ
Vibration
IEC 60068-2-6
ƒ
Patent
http://www.advantech.com/legal/patent
Ordering Information
ƒ
IMC-150LPC-M
Industrial Long Reach PoE+ Extender, Master
ƒ
IMC-150LPC-R
Industrial Long Reach PoE+ Extender, Remote
ƒ
IMC-150PS-120
Power Adapter, 100-240V,54V, 120W (Sold separately)
IMC-150LPC-M
IMC-150LPC-R
All product specifications are subject to change without notice.
Last updated: 20-Apr-2022


Similar Part No. - IMC-150LPC-R

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IMC-150LPI ADVANTECH-IMC-150LPI Datasheet
464Kb / 2P
Industrial Long Reach Ethernet over UTP/Coaxial Extender
13-Mar-2020
More results

Similar Description - IMC-150LPC-R

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
SSF215 CYNERGY3-SSF215 Datasheet
1Mb / 1P
Long reach external mount float switch via 1/2NPT
logo
Axiomtek Co., Ltd.
ED3238 AXIOMTEK-ED3238 Datasheet
345Kb / 4P
10/100BASE-TX IEEE802.3af PoE Ethernet Extender over Coaxial Cable
ED3541 AXIOMTEK-ED3541 Datasheet
3Mb / 4P
Hardened 10/100BASE-TX Ethernet Extender
ED3638 AXIOMTEK-ED3638 Datasheet
1Mb / 4P
Hardened 10/100BASE-TX PoL/PoE Ethernet Extender
ED3331 AXIOMTEK-ED3331 Datasheet
430Kb / 4P
Industrial 10/100BASE-TX Ethernet Extender over Coaxial Cable
ED3341 AXIOMTEK-ED3341 Datasheet
705Kb / 4P
Hardened 10/100BASE-TX Ethernet Extender over Coaxial Cable
ED3344 AXIOMTEK-ED3344 Datasheet
718Kb / 4P
Hardened 10/100/BASE-TX M12 Ethernet Extender over Coaxial Cable
ED3538 AXIOMTEK-ED3538 Datasheet
593Kb / 4P
Hardened 10/100BASE-TX PoL/PoE Ethernet Extender over Copper Wires
logo
Advantech Co., Ltd.
IMC-150L ADVANTECH-IMC-150L Datasheet
464Kb / 2P
Industrial Long Reach Ethernet over UTP/Coaxial Extender
13-Mar-2020
logo
Black Box Registered Tr...
SW-725 BLACKBOX-SW-725 Datasheet
1Mb / 4P
Hardened Industrial 5 Port PoE Ethernet Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com