Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29W800T Datasheet(PDF) 21 Page - STMicroelectronics

Part # M29W800T
Description  8 Mbit 1Mb x8 or 512Kb x16, Boot Block Low Voltage Single Supply Flash Memory
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W800T Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M29W800T Datasheet HTML 17Page - STMicroelectronics M29W800T Datasheet HTML 18Page - STMicroelectronics M29W800T Datasheet HTML 19Page - STMicroelectronics M29W800T Datasheet HTML 20Page - STMicroelectronics M29W800T Datasheet HTML 21Page - STMicroelectronics M29W800T Datasheet HTML 22Page - STMicroelectronics M29W800T Datasheet HTML 23Page - STMicroelectronics M29W800T Datasheet HTML 24Page - STMicroelectronics M29W800T Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
AI02183
E
G
W
A0-A18/
A–1
DQ0-DQ7/
DQ8-DQ15
VALID
VALID
VCC
tVCHEL
tWHEH
tWHWL
tELWL
tAVWL
tWHGL
tWLAX
tWHDX
tAVAV
tDVWH
tWLWH
tGHWL
RB
tWHRL
Figure 7. Write AC Waveforms, W Controlled
Note: Address are latched on the falling edge of W, Data is latched on the rising edge of W.
During the executionof the erase by the P/E.C., the
memory accepts only the Erase Suspend ES and
Read/Reset RD instructions. Data Polling bit DQ7
returns ’0’ while the erasure is in progress and ’1’
when it has completed. The Toggle bit DQ2 and
DQ6 toggle during the erase operation. They stop
when erase is completed. After completion the
Status Register bit DQ5 returns ’1’ if there has been
an erase failure. In such a situation, the Toggle bit
DQ2 can be used to determine which block is not
correctly erased. In the case of erase failure, a
Read/Reset RD instruction is necessary in order to
reset the P/E.C.
Chip Erase (CE) Instruction. This instruction uses
six write cycles. The Erase Set-up command 80h
is written to address AAAAh in the Byte-wide con-
figuration or the address 5555h in the Word-wide
configuration on the third cycle after the two Coded
cycles. The Chip Erase Confirm command 10h is
similarly written on the sixth cycle after anothertwo
Coded cycles. If the second command given is not
an erase confirm or if the Coded cycles are wrong,
the instruction aborts and the device is reset to
Read Array. It is not necessaryto programthe array
with 00h first as the P/E.C. will automatically do this
before erasing it to FFh. Read operations after the
sixth rising edge of W or E output the Status
Register bits. During the execution of the erase by
the P/E.C., Data Polling bit DQ7 returns ’0’, then ’1’
on completion. The Toggle bits DQ2 and DQ6
toggle during erase operation and stop when erase
is completed. After completion the Status Register
bit DQ5 returns ’1’ if there has been an Erase
Failure.
21/33
M29W800T, M29W800B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com