Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29W800T Datasheet(PDF) 29 Page - STMicroelectronics

Part # M29W800T
Description  8 Mbit 1Mb x8 or 512Kb x16, Boot Block Low Voltage Single Supply Flash Memory
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W800T Datasheet(HTML) 29 Page - STMicroelectronics

Back Button M29W800T Datasheet HTML 25Page - STMicroelectronics M29W800T Datasheet HTML 26Page - STMicroelectronics M29W800T Datasheet HTML 27Page - STMicroelectronics M29W800T Datasheet HTML 28Page - STMicroelectronics M29W800T Datasheet HTML 29Page - STMicroelectronics M29W800T Datasheet HTML 30Page - STMicroelectronics M29W800T Datasheet HTML 31Page - STMicroelectronics M29W800T Datasheet HTML 32Page - STMicroelectronics M29W800T Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
ORDERING INFORMATION SCHEME
M29W800T and M29W800B are replaced respectively by the new version M29W800AT and
M29W800AB
Devices are shipped from the factory with the memory content erased (to FFh).
For a list of available options (Speed, Package, etc...) or for further informationon any aspect of this device,
please contact the STMicroelectronics Sales Office nearest to you.
Operating Voltage
W
2.7V to 3.6V
Array Matrix
T
Top Boot
B
Bottom Boot
Speed
-90
90ns
-100 100ns
-120 120ns
-150 150ns
Package
N
TSOP48
12 x 20mm
M
SO44
Option
R
Reverse
Pinout
TR
Tape & Reel
Packing
Temp. Range
1
0 to 70
°C
5
–20 to 85
°C
6
–40 to 85
°C
Example:
M29W800T
-90
N
1
TR
29/33
M29W800T, M29W800B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com