Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC-3 Datasheet(PDF) 8 Page - ABB

Part # AC-3
Description  3--polle Conttacttorrss
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

AC-3 Datasheet(HTML) 8 Page - ABB

Back Button AC-3 Datasheet HTML 4Page - ABB AC-3 Datasheet HTML 5Page - ABB AC-3 Datasheet HTML 6Page - ABB AC-3 Datasheet HTML 7Page - ABB AC-3 Datasheet HTML 8Page - ABB AC-3 Datasheet HTML 9Page - ABB AC-3 Datasheet HTML 10Page - ABB AC-3 Datasheet HTML 11Page - ABB AC-3 Datasheet HTML 12Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
2
/64
Low Voltage Products
1SBC100122C0202
M
3
M
3
A... and AF... Contactors
AL..., TAL... and AE..., TAE... Contactors
Technical Data
Main Pole - Utilization Characteristics acc. to IEC
Contactor types: A...
9
12
16
26
30
40
45
50
63
75
95
110
AL..., TAL...
9
12
16
26
30
40
–
–
–
–
–
–
AE..., TAE..., AF...
–
–
–
–
–
–
45
50
63
75
95
110
Rated operational voltage U
e max.
V
690
1000 (690 for AF... contactors)
1000
Rated frequency limits
Hz
25 ... 400
Conventional free-air thermal current I
th
acc. to IEC 60947-4-1, open contactors, θ ≤ 40 °C
A
26
28
30
45
65
65
100
100
125
125
145
160
with conductor cross-sectional area
mm2
4
446
16
16
35
35
50
50
50
70
Rated operational current I
e / AC-1
for air temperature close to contactor
θ ≤ 40 °CA
25
27
30
45
55
60
70
100
115
125
145
160
U
e max. 690 V - 50/60 Hz
θ ≤ 55 °C
A
22
25
27
40
55
60
60
85
95
105
135
145
θ ≤ 70 °C (3)
A
18
20
23
32
39
42
50
70
80
85
115
130
with conductor cross-sectional area
mm2
2.5
4
4
6
10
16
25
35
50
50
50
70
Utilization category AC-3
for air temperature close to contactor < 55 °C
Max. rated operational current I
e AC-3 (1)
220-230-240 V
A
912
1726
33404053
6575
96
110
3-phase motors
380-400 V
A
912
1726
32373750
6575
96
110
415 V
A
912
1726
32373750
6575
96
110
440 V
A
912
1626
32373745
6570
93
100
500 V
A
912
1422
28333345
5565
80
100
690 V
A
79
10
17 (4)
21 (4)
25 (4)
25
35
43
46
65
82
1000 V
A
–
–––
–––23 (6)
25 (6)
28 (6)
30
30
Rated operational power AC-3 (1)
1500 r.p.m. 50 Hz
220-230-240 V
kW
2.2
3
4
6.5
9
11
11
15
18.5
22
25
30
1800 r.p.m. 60 Hz
380-400 V
kW
4
5.5
7.5
11
15
18.5
18.5
22
30
37
45
55
3-phase motors
415 V
kW
4
5.5
9
11
15
18.5
18.5
25
37
40
55
59
440 V
kW
4
5.5
9
15
18.5
22
22
25
37
40
55
59
500 V
kW
5.5
7.5
9
15
18.5
22
22
30
37
45
55
59
690 V
kW
5.5
7.5
9
15 (4)
18.5 (4) 22 (4)
22
30
37
40
55
75
1000 V
kW
–
–––
–––30 (6)
33 (6)
37 (6)
40
40
Rated operational current I
e / AC-8a
without thermal O/L relay - Ue 400 V - θ ≤ 40 °C
A
12
16
22
30
40
50
–
63
85
95
120
140
Rated making capacity AC-3
10 x I
e AC-3 acc. to IEC 60947-4-1
Rated breaking capacity AC-3
8 x I
e AC-3
acc. to IEC 60947-4-1
Short-circuit protection for contactors
without thermal O/L relay - Motor protection excluded (2)
Ue < 500 V a.c. - gG type fuse
A
25
32
32
50
63
80
100
125
160
160
200
Rated short-time withstand current I
cw
at 40 °C ambient temp.,
1 s
A
250
280
300
400
600
1000
1320
1320
in free air,
10 s
A
100
120
140
210
400
650
800
800
from a cold state
30 s
A
60
70
80
110
225
370
500
500
1 min
A
50
55
60
90
150
250
350
350
15 min
A
26
28
30
45
65
110
110
135
135
160
175
Maximum breaking capacity (5)
cos ϕ = 0.45
at 440 V
A
250
420
820 (5)
900
1300
1160
(cos ϕ = 0.35 for Ie > 100 A)
at 690 V
A
90 (5)
170 (5) 340 (5)
490
630
800
Heat dissipation per pole I
e / AC-1
W
0.8
1
1.2
1.8
2.5
3
2.5
5
6.5
7
6.5
7.5
I
e / AC-3
W
0.1
0.2
0.35
0.6
0.9
1.3
0.65
1.3
1.5
2
2.7
3.6
Max. electrical switching frequency
– for AC-1
cycles/h
600
600 (300 for AF..., AE... TAE...)
300
– for AC-3
cycles/h
1200
600 (300 for AF..., AE... TAE...)
300
– for AC-2, AC-4
cycles/h
300
150
150
Mechanical durability
– millions of operating cycles
10 (5 for AE... and TAE... contactors)
– max. switching frequency
cycles/h
3600 (300 for AF... contactors)
(1) For the corresponding kW/A or hp/A values of
1500 r.p.m., 50Hz or 1800 r.p.m., 60Hz, 3-phase
motors, see "Motor Rated Operational Powers and
Currents".
(2) For the protection of motor starters against short
circuits, see "Coordination with Short-circuit
Protection Devices".
(3) Unauthorized for TAL..., TAE... contactors.
(6) AF... contactors excluded.
A... and AF... Contactors
AL..., TAL... and AE..., TAE... Contactors
Technical Data
{
>> Electrical Durability Curves .................. page 2/81
>> Motor Rated Powers and Currents ....... page 0/0
>> Coordination with SCPD ........................ section 7
(4) AC-3, 690 V values for AL... and TAL... contactors
Types
AL 26
AL 30
AL 40
TAL 26
TAL 30
TAL 40
Rated current I
e
A
13
18
21
Rated power
kW
11
15
18.5
(5) Max. breaking capacity for AL... and TAL... contactors
Types
AL 9 ... AL 16
AL 26
AL 30, AL 40
TAL 9 ... TAL 16 TAL 26
TAL 30, TAL 40
440 V
A
250
420
470
690 V
A
100
106
175
Page extracted from eCatalogue: Contactors - Sales Engineer Version - Page 8 of 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com