Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC-3 Datasheet(PDF) 13 Page - ABB

Part # AC-3
Description  3--polle Conttacttorrss
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

AC-3 Datasheet(HTML) 13 Page - ABB

Back Button AC-3 Datasheet HTML 9Page - ABB AC-3 Datasheet HTML 10Page - ABB AC-3 Datasheet HTML 11Page - ABB AC-3 Datasheet HTML 12Page - ABB AC-3 Datasheet HTML 13Page - ABB AC-3 Datasheet HTML 14Page - ABB AC-3 Datasheet HTML 15Page - ABB AC-3 Datasheet HTML 16Page - ABB AC-3 Datasheet HTML 17Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
2
/74
Low Voltage Products
1SBC100122C0202
}
L
l
L
l
A... and AF... Contactors
AL..., AE... and TAL..., TAE... Contactors
Technical Data
Connecting Characteristics
Contactor types: A...
9
12
16
26
30
40
45
50
63
75
95
110
AL..., TAL...
9
12
16
26
30
40
–
–
–
–
–
–
AE..., TAE..., AF...
–
–
–
–
–
–
45
50
63
75
95
110
Main terminals
with cable clamp
with double
with single connector
with single
connector
(13 x 10 mm)
connector
2 x (5.6 x 6.5 mm)
(14 x 14 mm)
Connecting capacity (min. ... max.)
Main conductors (poles)
Rigid: solid (< 4 mm2)
1 x mm2
1 ... 4
1.5 ... 6
2.5 ... 16
6 ... 50
10 ... 95
stranded (> 6 mm2)
2 x mm2
1 ... 4
1.5 ... 6
2.5 ... 16
6 ... 25
6 ... 35
Rigid with connector
single for Cu cable
mm2
–
–––
––––
––
–
–
single for Al/Cu cable
mm2
–
–––
––––
––
–
–
double for Al/Cu cable
mm2
–
–––
––––
––
–
–
Flexible with cable end
1 x mm2
0.75 ... 2.5
0.75 ... 4 2.5 ... 10
6 ... 35
10 ... 70
2 x mm2
0.75 ... 2.5
0.75 ... 4 2.5 ... 10
6 ... 16
6 ... 35
Bars or lugs
L mm <
7.7
10
––––
––
30 (2)
l mm >
3.7
4.2
––––
––
6
Capacity acc. to UL/CSA
AWG
10-18
8-12
4-8
1-8
6-2/0
Auxiliary conductors
(built-in auxiliary terminals + coil terminals)
Rigid solid
1 x mm2
1 ... 4
0.75 ... 2.5
2 x mm2
1 ... 4
0.75 ... 2.5
Flexible with cable end
1 x mm2
0.75 ... 2.5
1 ... 2.5
0.75 ... 2.5
2 x mm2
0.75 ... 2.5
Lugs
L mm <
7.7
(1)
8
l mm >
3.7
(1)
3.7
Capacity acc. to UL/CSA
AWG
18-14
Degree of protection acc. to IEC 60947-1 /
Protection against direct contact in acc. with EN 50274
EN 60947-1 and IEC 60529 / EN 60529
– Main terminals
IP 20
IP 10
– Coil terminals
IP 20
– Built-in auxiliary terminals
IP 20
–
–
–
–
–
–
Screw terminals
(delivered in open position, screws of unused terminals must be tightened)
Main terminals
(+,-) pozidriv 2 screws
hexagon socket
M3.5
M4
M5
M6
M8 (s = 4 mm)
Coil terminals
M3.5 (+,-) pozidriv 2 screws with cable clamp
Built-in auxiliary terminals
(+,-) pozidriv 2 screws with cable clamp
–
–
–
–
–
–
M3.5
M4
M3.5
–
–
–
–
–
–
Tightening torque
Main pole terminals
– recommended
Nm / lb.in
1.00 / 9
1.7 / 15 2.30 / 20
4.00 / 35
6.00 / 53
– max.
Nm
1.20
2.20
2.60
4.50
6.50
Coil terminals
– recommended
Nm / lb.in
1.00 / 9
– max.
Nm
1.20
Built-in auxiliary terminals
– recommended
Nm / lb.in
1.00 / 9
1.7 / 15 1.00 / 9
–
–
–
–
–
–
– max.
Nm
1.20
2.20
1.20
–
–
–
–
–
–
(1) L < 8 and l > 3.7 for coil terminals - L < 10 and l > 4.2 for built-in auxiliary terminals.
(2) With LW 110 enlargement piece: see "Accessories".
>> Terminal Marking and Positioning ............................................................. section 8
>> Accessories ................................................................................................. section 4
Page extracted from eCatalogue: Contactors - Sales Engineer Version - Page 13 of 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com