Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G5LE Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G5LE
Description  ACUBIC, SINGLE-POLE 10-A POWER RELAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G5LE Datasheet(HTML) 2 Page - Omron Electronics LLC

  G5LE Datasheet HTML 1Page - Omron Electronics LLC G5LE Datasheet HTML 2Page - Omron Electronics LLC G5LE Datasheet HTML 3Page - Omron Electronics LLC G5LE Datasheet HTML 4Page - Omron Electronics LLC G5LE Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
G5LE
G5LE

   
 COIL DATA
,   
0 /(!
 /(!
1 /(!
2 /(!
3 /(!
3* /(!
*4 /(!
,  
01* #
52* #
115 #
* #
000 #
15 #
400 #
!  
33 
10 
26 
366 
016 
**6 
516 
7    
58 "     &
7   
68 "     
7&  
068 "      56! 4%  568 "      30! 50%
'9  
#& *66 :
)                   " 30! 50% 9   " 68
3 016:    !  7,) "  
 CONTACT DATA

,    ;
,  
6 #  36 /#!< 4 #  06 /(!
,  = 
6 #
7& 9   
36 /#! 3 /(!
7& 9 
#!
6 #


(!
4#
7& 9   =
366 /# 3*6 :
7  
66 #   /(!
 CHARACTERISTICS
!   
66  &
  
6  &
, 
  &
+ 
 
#& 61 
,
#& 53 
7& 9 
"
7 
4666  ? 

">=
 
466  ?     
$   
66 7   66 /(!
(   
56 /#! 6?16 @A "    9    "   =
3666 /#! 6?16 @A "    9     
$ 9    
*66 /  9     
/ 

(  
6   @A    
 
7" 
6   @A    
 B  
(  
666 ? & 66
7" 
66 ? & 6
" & =
7 
6666666     4666  ? 
=
 
66666     466  ? 
#
 
 
C3!  4!C0% 4%
#  =
08  48
:
#& 3  6*3 A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com