Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G5LE Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # G5LE
Description  ACUBIC, SINGLE-POLE 10-A POWER RELAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G5LE Datasheet(HTML) 5 Page - Omron Electronics LLC

  G5LE Datasheet HTML 1Page - Omron Electronics LLC G5LE Datasheet HTML 2Page - Omron Electronics LLC G5LE Datasheet HTML 3Page - Omron Electronics LLC G5LE Datasheet HTML 4Page - Omron Electronics LLC G5LE Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
G5LE
G5LE

CSA C22.2 NO. 14 (File No. LR34815)
' 
!  
!   

0 *4/(!
 # 36 /#!  
 # 06 /(!   
3 /# 36 /#! '( 66666 =
 # 3 /#! '  06E 56! 4%
)
?4  36 /#! 6666 =
/0
)!
?6  36 /#! 6666 =
6 # 36 /#!  
4 # 06 /(!   
1 # 355 /#!    66E
)
?1  36 /#! 6666 =
?0  3 /#! 56! 4% 06E
)!
?6  36 /#! 6666 =
)  =   9  ""& F#$G  / 
TÜV (VDE File No. R9151267)
' 
!  
!   

0  1 2 3 3* /(!
3 # 36 /#!  ; 6*
3 # 36 /#!   
 # 06 /(!   
3 # 36 /#!  ; 6*
 # 36 /#!   
4 # 06 /(!   
! ) ! ,H1
2?25
"  I   9   
'   -#
OMRON ELECTRONICS, INC.
  ! (
  $ 1650
NOTE: DIMENSIONS SHOWN ARE IN MILLIMETERS. To convert millimeters to inches divide by 25.4.
1-800-55-OMRON
OMRON CANADA, INC.
44 7 #
    7+ /4
416-286-6465

Omron Europe B.V. EMA-ISD, tel:+31 23 5681390, fax:+31 23 5681397, http://www.eu.omron.com/ema



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com