Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDFD1.5 Datasheet(PDF) 1 Page - I.L.M.E. S.p.A.

Part # CDFD1.5
Description  10A CD contacts, gold plated, 1,50mmq, AWG 16
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILME [I.L.M.E. S.p.A.]
Direct Link  www.ilme.com
Logo ILME - I.L.M.E. S.p.A.

CDFD1.5 Datasheet(HTML) 1 Page - I.L.M.E. S.p.A.

  CDFD1.5 Datasheet HTML 1Page - I.L.M.E. S.p.A. CDFD1.5 Datasheet HTML 2Page - I.L.M.E. S.p.A.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Item code
CDFD 1.5
Brief description:
10A CD contacts, gold plated, 1,50mmq, AWG 16
Product description
Model
female contacts
Version
Crimp contacts CLASS series
Series
10A CD contacts
Family
crimp contacts
Nº of poles
1 pole
Technical data
Current
10 A
Wire section
1,50 mm²
AWG size
16
Operating temperature range
(min, max)
-40°C … +125°C
Contact type
gold plated
Other technical details
Weight
0,82 g
Approvals / Standards
Quality mark
, EAC
Conformity
CQC, CE
General ordering information
EAN code
8015747014915
Tariff number
85369095
Packaging Information
Packaging length
112,00 mm
Packaging height
95,00 mm
Packaging width
117,00 mm
Packaging weight
1,31 kg
Packaging volume
1,24 dm³
Packaging description
Carton box
Packaging quantity
1600 Pcs
Packaging EAN code
8015747206891
Sub-packaging length
50,00 mm
Sub-packaging height
44,00 mm
Sub-packaging width
50,00 mm
Sub-packaging weight
0,16 kg
Sub-packaging volume
0,11 dm³
Sub-packaging description
Plastic box
Sub-packaging quantity
200 Pcs
Sub-packaging EAN barcode 8015747014922


Similar Part No. - CDFD1.5

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
CDFDCA-25M000 VECTRON-CDFDCA-25M000 Datasheet
183Kb / 7P
3.3, 5.0 volt CMOS Oscillator
CDFDCA-25M125 VECTRON-CDFDCA-25M125 Datasheet
183Kb / 7P
3.3, 5.0 volt CMOS Oscillator
CDFDCJ-25M125 VECTRON-CDFDCJ-25M125 Datasheet
183Kb / 7P
3.3, 5.0 volt CMOS Oscillator
CDFDCP-25M125 VECTRON-CDFDCP-25M125 Datasheet
183Kb / 7P
3.3, 5.0 volt CMOS Oscillator
CDFDCR-25M125 VECTRON-CDFDCR-25M125 Datasheet
183Kb / 7P
3.3, 5.0 volt CMOS Oscillator
More results

Similar Description - CDFD1.5

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
7057 POMONA-7057 Datasheet
167Kb / 2P
Gold plated center contacts.
logo
Molex Electronics Ltd.
0357607100 MOLEX5-0357607100 Datasheet
162Kb / 3P
Wire Splice, 16-20 AWG, Un-Plated
0357607200 MOLEX5-0357607200 Datasheet
162Kb / 3P
Wire Splice, 12-16 AWG, Un-Plated
logo
Assmann Electronics Inc...
ADIP10-G-LC-R ASSMANN-ADIP10-G-LC-R Datasheet
348Kb / 1P
DIP Connector, 2.54 x 7.62MM, 10 Contacts, Gold Plated
logo
E-SWITCH
K200260 E-SWITCH-K200260 Datasheet
113Kb / 1P
TERMINAL AND CONTACTS: GOLD PLATED COPPER ALLOY
logo
Skyworks Solutions Inc.
SKY77526 SKYWORKS-SKY77526 Datasheet
64Kb / 2P
Gold-plated, lead-free contacts
logo
Molex Electronics Ltd.
0936010048 MOLEX1-0936010048 Datasheet
38Kb / 1P
GWconnect Turned Crimp Contact for 10A Inserts and Modules, Female, Gold (Au) Plated Copper Alloy, 1.50mm짼 (16 AWG), 100 per Bag
0936010060 MOLEX1-0936010060 Datasheet
36Kb / 1P
GWconnect Turned Crimp Contact for 10A Inserts and Modules, Male, Gold (Au) Plated Copper Alloy, 1.50mm짼 (16 AWG), 100 per Bag
0194200003 MOLEX1-0194200003_18 Datasheet
36Kb / 1P
MX150L Female Terminal for 14-16 AWG Wire, Gold Plated, Metal Strip Carrier
logo
Ningbo Tianbo Ganglian ...
HJQ-13F-2C TIANBO-HJQ-13F-2C Datasheet
1Mb / 3P
10A transfer contacts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com