Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP4606B Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP4606B
Description  30V NP-Channel Enhancement Mode MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP4606B Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP4606B Datasheet HTML 1Page - A POWER MICROELECTRONICS AP4606B Datasheet HTML 2Page - A POWER MICROELECTRONICS AP4606B Datasheet HTML 3Page - A POWER MICROELECTRONICS AP4606B Datasheet HTML 4Page - A POWER MICROELECTRONICS AP4606B Datasheet HTML 5Page - A POWER MICROELECTRONICS AP4606B Datasheet HTML 6Page - A POWER MICROELECTRONICS AP4606B Datasheet HTML 7Page - A POWER MICROELECTRONICS AP4606B Datasheet HTML 8Page - A POWER MICROELECTRONICS AP4606B Datasheet HTML 9Page - A POWER MICROELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
AP4606B
30V N+P-Channel Enhancement Mode MOSFET
AP4606B REV1.1
永源微電子科技有限公司
Description
The AP4606B uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 4.5V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = 30V ID =6.8A
RDS(ON) < 28mΩ @ VGS=10V (Type:20mΩ)
VDS = -30V ID =-6.1A
RDS(ON) < 50mΩ @ VGS=-10V(Type:42mΩ)
Application
BLDC
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP4606B
SOP-8L
AP4606B XXX YYYY
3000
Absolute Maximum Ratings (TC=25
℃unless otherwise noted)
Symbol
Parameter
N-Ch
P-Ch
Units
VDS
Drain-Source Voltage
30
-30
V
VGS
Gate-Source Voltage
±20
±20
V
ID@TA=25℃
Continuous Drain Current, VGS @ 10V1
6.8
-6.1
A
ID@TA=70℃
Continuous Drain Current, VGS @ 10V1
4.5
-4.1
A
IDM
Pulsed Drain Current2
18
-18
A
EAS
Single Pulse Avalanche Energy3
22.6
33
mJ
IAS
Avalanche Current
8
-7.5
A
PD@TA=25℃
Total Power Dissipation4
1.3
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
RθJA
Thermal Resistance Junction-Ambient 1
85
℃
/W
RθJC
Thermal Resistance Junction-Case1
65
℃
/W


Similar Part No. - AP4606B

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP4606A APME-AP4606A Datasheet
1Mb / 11P
30V NP-Channel Enhancement Mode MOSFET
REV1.1
AP4606C APME-AP4606C Datasheet
1Mb / 10P
20V NP-Channel Enhancement Mode MOSFET
logo
Advanced Power Electron...
AP4606P A-POWER-AP4606P Datasheet
108Kb / 6P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - AP4606B

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
YFW3G03LI YFWDIODE-YFW3G03LI Datasheet
1Mb / 8P
30V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW6G03S YFWDIODE-YFW6G03S Datasheet
1Mb / 8P
30V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW8G03ES YFWDIODE-YFW8G03ES Datasheet
1Mb / 8P
30V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW15G03ES YFWDIODE-YFW15G03ES Datasheet
1Mb / 8P
30V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW15G03NF YFWDIODE-YFW15G03NF Datasheet
1Mb / 8P
30V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW20G03NF YFWDIODE-YFW20G03NF Datasheet
2Mb / 8P
30V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW25G03GD YFWDIODE-YFW25G03GD Datasheet
2Mb / 8P
30V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW40G03NF YFWDIODE-YFW40G03NF Datasheet
1Mb / 8P
30V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW80G03NF YFWDIODE-YFW80G03NF Datasheet
2Mb / 8P
30V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
logo
Guangdong Youtai Semico...
AO4606 UMW-AO4606 Datasheet
2Mb / 8P
30V NP-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com