Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP4606B Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # AP4606B
Description  30V NP-Channel Enhancement Mode MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP4606B Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP4606B Datasheet HTML 1Page - A POWER MICROELECTRONICS AP4606B Datasheet HTML 2Page - A POWER MICROELECTRONICS AP4606B Datasheet HTML 3Page - A POWER MICROELECTRONICS AP4606B Datasheet HTML 4Page - A POWER MICROELECTRONICS AP4606B Datasheet HTML 5Page - A POWER MICROELECTRONICS AP4606B Datasheet HTML 6Page - A POWER MICROELECTRONICS AP4606B Datasheet HTML 7Page - A POWER MICROELECTRONICS AP4606B Datasheet HTML 8Page - A POWER MICROELECTRONICS AP4606B Datasheet HTML 9Page - A POWER MICROELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
AP4606B
30V N+P-Channel Enhancement Mode MOSFET
AP4606B REV1.1
永源微電子科技有限公司
N-Channel Electrical Characteristics (TJ=25℃, unless otherwise noted)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-Source Breakdown Voltage
ID=250µA, VGS=0V
30
-
-
V
IDSS
Zero Gate Voltage Drain Current
VDS=30V, VGS=0V
-
-
1.0
µA
IGSS
Gate-Body Leakage Current
VDS=0V, VGS=±20V
-
-
±100
nA
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=250µA
1.0
1.5
2.5
V
RDS(ON)
Static Drain-Source ON-Resistance
VGS=10V, ID= 5A
-
20
28
mΩ
VGS=4.5V, ID=3A
-
30
40
mΩ
Ciss
Input Capacitance
VGS=0V, VDS = 15V, f=1MHz
-
388
-
pF
Coss
Output Capacitance
-
57
-
pF
Crss
Reverse Transfer Capacitance
-
45
-
pF
Qg
Total Gate Charge
VGS=0 to 10V VDS=15V,
ID=3A
-
9
-
nC
Qgs
Gate Source Charge
-
1.5
-
nC
Qgd
Gate Drain("Miller") Charge
-
2
-
nC
td(on)
Turn-On DelayTime
VGS=10V, VDD=15V ID= 3A,
RGEN=3Ω
-
2
-
ns
tr
Turn-On Rise Time
-
6
-
ns
td(off)
Turn-Off DelayTime
-
61
-
ns
tf
Turn-Off Fall Time
-
34
-
ns
IS
Maximum Continuous Drain to Source Diode Forward Current
-
-
5
A
ISM
Maximum Pulsed Drain to Source Diode Forward Current
-
-
20
A
VSD
Drain to Source Diode Forward Voltage
VGS=0V, IS=5A
-
-
1.2
V
trr
Body Diode Reverse Recovery Time
IF=3A, di/dt=100A/us
-
6
-
ns
Qrr
Body Diode Reverse Recovery Charge
-
2
-
nC
Note :
1、The data tested by surface mounted on a 1 inch2 FR-4 board with 2OZ copper.
2、The data tested by pulsed , pulse width ≦ 300us , duty cycle≦ 2%
3、The power dissipation is limited by 150℃ junction temperature
4、The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com