Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8152S101B Datasheet(PDF) 13 Page - Nisshinbo Micro Devices Inc.

Part # R8152S101B
Description  1 A 24 V LDO for Automotive Applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

R8152S101B Datasheet(HTML) 13 Page - Nisshinbo Micro Devices Inc.

Back Button R8152S101B Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. R8152S101B Datasheet HTML 10Page - Nisshinbo Micro Devices Inc. R8152S101B Datasheet HTML 11Page - Nisshinbo Micro Devices Inc. R8152S101B Datasheet HTML 12Page - Nisshinbo Micro Devices Inc. R8152S101B Datasheet HTML 13Page - Nisshinbo Micro Devices Inc. R8152S101B Datasheet HTML 14Page - Nisshinbo Micro Devices Inc. R8152S101B Datasheet HTML 15Page - Nisshinbo Micro Devices Inc. R8152S101B Datasheet HTML 16Page - Nisshinbo Micro Devices Inc. R8152S101B Datasheet HTML 17Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
R8152x
NO. EC-238-180730
13
5000
4000
3000
2000
1
0
0
25
50
75
100 125 150
Ambient Temperature (
C)
Power Dissipation
On Board
(Ultra High Wattage Land Pattern)
2350
4800
On Board
(Standard Land Pattern)
POWER DISSIPATION (TO-252-5-P2)
Power Dissipation (PD) depends on conditions of mounting on board.
This specification is based on the measurement at the condition below:
* Measurement conditions
Standard Land Pattern
Ultra High Wattage Land Pattern
Environment
Mounting on board (Wind velocity 0 m/s)
Board Material
Glass cloth epoxy plastic
(Double layers)
Glass cloth epoxy plastic
(Four-layers)
Board Dimensions
50 mm x 50 mm x 1.6 mm
76.2 mm x 114.3 mm x 0.8 mm
Copper Ratio
Top side: Approx. 50%,
Back side: Approx. 50%
Top, Back side: Approx. 96%,
2nd, 3rd: 100%
Through - hole
 0.5 mm x 24 pcs
 0.4 mm x 30 pcs
* Measurement Results
(Ta = 25°C, Tjmax = 150°C)
Standard Land Pattern
Ultra High Wattage Land Pattern
Power Dissipation
2350 mW
4800 mW
Thermal Resistance
ja = (150 - 25°C)/2.35 W = 53°C/W
ja = (150 - 25°C)/4.8 W =
26°C/W
jc = 17°C/Wjc = 7°C/W
50
Standard
76.2
50
Ultra High Wattage
Measurement Board Pattern
IC Mount Area (Unit: mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com