Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8152S101B Datasheet(PDF) 14 Page - Nisshinbo Micro Devices Inc.

Part # R8152S101B
Description  1 A 24 V LDO for Automotive Applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

R8152S101B Datasheet(HTML) 14 Page - Nisshinbo Micro Devices Inc.

Back Button R8152S101B Datasheet HTML 10Page - Nisshinbo Micro Devices Inc. R8152S101B Datasheet HTML 11Page - Nisshinbo Micro Devices Inc. R8152S101B Datasheet HTML 12Page - Nisshinbo Micro Devices Inc. R8152S101B Datasheet HTML 13Page - Nisshinbo Micro Devices Inc. R8152S101B Datasheet HTML 14Page - Nisshinbo Micro Devices Inc. R8152S101B Datasheet HTML 15Page - Nisshinbo Micro Devices Inc. R8152S101B Datasheet HTML 16Page - Nisshinbo Micro Devices Inc. R8152S101B Datasheet HTML 17Page - Nisshinbo Micro Devices Inc. R8152S101B Datasheet HTML 18Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
R8152x
NO. EC-238-180730
14
PACKAGE DIMENSIONS (TO-252-5-P2)
(Unit : mm)
0.50
0.10
0.50
0.10
(0
~8)
S
0.12 M
0.50
0.10
0.10
6.60
0.20
5.34
0.20
C0.60
1.27
R0.325
R0.225
(4.19)
(1.50)
(5.04)
15
*
TO-252-5-P2 Package Dimensions
MARK SPECIFICATION (TO-252-5-P2)
: Product Code … Refer to R8152J MARK SPECIFICATION TABLE
: Lot Number … Alphanumeric Serial Number
: Lot Sub Number …Alphanumeric Serial Number


TO-252-5-P2 Mark Specification
*)
The tab on the bottom of the package
enhances thermal performance and is
electrically connected to GND (substrate
level). It is recommended that the tab be
connected to the ground plane on the
board, or otherwise be left floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com