Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8152S102B Datasheet(PDF) 1 Page - Nisshinbo Micro Devices Inc.

Part # R8152S102B
Description  1 A 24 V LDO for Automotive Applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

R8152S102B Datasheet(HTML) 1 Page - Nisshinbo Micro Devices Inc.

  R8152S102B Datasheet HTML 1Page - Nisshinbo Micro Devices Inc. R8152S102B Datasheet HTML 2Page - Nisshinbo Micro Devices Inc. R8152S102B Datasheet HTML 3Page - Nisshinbo Micro Devices Inc. R8152S102B Datasheet HTML 4Page - Nisshinbo Micro Devices Inc. R8152S102B Datasheet HTML 5Page - Nisshinbo Micro Devices Inc. R8152S102B Datasheet HTML 6Page - Nisshinbo Micro Devices Inc. R8152S102B Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. R8152S102B Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. R8152S102B Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
R8152x Series
AEC-Q100
Grade1
1 A 24 V LDO for Automotive Applications
NO. EC-238-180730
1
OUTLINE
The R8152x Series are CMOS-based 24 V input voltage regulators featuring 1 A output current and 24 V input
voltage. R8152 provides high input voltage operation and low on-resistance (at VOUT = 10 V, below 0.6 Ω) by
using DMOS*1 transistor. In addition to the basic regulator circuits, R8152x contains an over current protection
circuit, an output short-circuit protection circuit, and a thermal shutdown circuit. Besides the low supply current
by CMOS, the operating temperature is –40
°C to 125°C and the maximum input voltage is 24 V, R8152x is
suitable for power source of car accessories. R8152x is available in fixed output voltage options between 3.0 V
and 12.0 V in 0.1 V steps, and between 12.5 V and 18.0 V in 0.5 V steps. The output voltage accuracy is as high
as ±2%.
R8152x is available in two types of packages: HSOP-6J for high wattage and TO-252-5-P2 for high-density
mounting.
*1 DMOS: Defined as Double Diffused MOS.
DMOS transistor is composed of a low-density n-type (channel) diffused layer and a high-density p-type (sources) diffused
layer from the edge of the gate electrode. By scaling down the channel length to submicron dimensions and also decreasing
the thickness of the gate oxide film, R8152x has been able to achieve outstanding characteristics of high voltage resistance
and low on-resistance.
FEATURES
●
Input Voltage Range (Maximum Rating) ·············· 3.0 V to 24.0 V (36 V)
●
Operating Temperature Range ·························· –40
°C to 125°C
●
Supply Current ·············································· Typ. 70 µA
●
Supply Current (Standby Mode) ························ Typ. 0.1 µA
●
Output Current··············································· Min. 1 A
●
Line Regulation·············································· Typ. 0.10%
●
Output Voltage Accuracy··································
2% (25
°C)
●
Packages ····················································· HSOP-6J, TO-252-5-P2
●
Output Voltage Range ····································· 3.0 V to 12.0 V (adjustable by 0.1 V step)
12.5 V to 18.0 V (adjustable by 0.5 V step)
●
Built-in Overcurrent Protection Circuit
●
Built-in Output Short-circuit Protection Circuit
●
Built-in Thermal Shutdown Circuit
APPLICATIONS
●
Power source for ECUs such as EV inverter and battery charge control unit


Similar Part No. - R8152S102B

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R8150S020B NISSHINBO-R8150S020B Datasheet
529Kb / 21P
150mA 36V Input LDO Regulator for Automotive Applications
R8150S021B NISSHINBO-R8150S021B Datasheet
529Kb / 21P
150mA 36V Input LDO Regulator for Automotive Applications
R8150S022B NISSHINBO-R8150S022B Datasheet
529Kb / 21P
150mA 36V Input LDO Regulator for Automotive Applications
R8150S023B NISSHINBO-R8150S023B Datasheet
529Kb / 21P
150mA 36V Input LDO Regulator for Automotive Applications
R8150S024B NISSHINBO-R8150S024B Datasheet
529Kb / 21P
150mA 36V Input LDO Regulator for Automotive Applications
More results

Similar Description - R8152S102B

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FTR-P5 FUJITSU-FTR-P5 Datasheet
672Kb / 8P
SILENT RELAY FOR AUTOMOTIVE APPLICATIONS 1 POLE-25 A
FBR57 FUJITSU-FBR57 Datasheet
417Kb / 8P
COMPACT HIGH POWER RELAY 1 POLE-30 A (28 VDC) (FOR 24 V BATTERY AUTOMOTIVE APPLICATIONS)
FTR-P5 FUJITSU-FTR-P5_08 Datasheet
605Kb / 8P
SILENT RELAY FOR AUTOMOTIVE APPLICATIONS 1 POLE-25 A
logo
Texas Instruments
LM53600-Q1 TI-LM53600-Q1_15 Datasheet
112Kb / 4P
LM5360x-Q1 5-V, 3.3-V, and Adjustable Synchronous-Buck 1-A Regulator for Automotive Applications
logo
ON Semiconductor
AFGB40T65SQDN ONSEMI-AFGB40T65SQDN Datasheet
271Kb / 9P
IGBT for Automotive Applications, 650 V, 40 A, D2PAK
December, 2018 ??Rev. 2
logo
Nisshinbo Micro Devices...
R1130H NISSHINBO-R1130H Datasheet
1Mb / 26P
300 mA LDO Regulator for Automotive Applications
R1170H NISSHINBO-R1170H Datasheet
456Kb / 27P
800mA LDO Regulator for Automotive Applications
R1171S NISSHINBO-R1171S Datasheet
691Kb / 26P
1.5A LDO REGULATOR FOR AUTOMOTIVE APPLICATIONS
R1180N NISSHINBO-R1180N Datasheet
560Kb / 24P
150mA LDO REGULATOR FOR AUTOMOTIVE APPLICATIONS
R1500H NISSHINBO-R1500H Datasheet
591Kb / 27P
500 mA LDO Regulator (Operating Voltage up to 24 V) for Automotive Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com