Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8152S102B Datasheet(PDF) 10 Page - Nisshinbo Micro Devices Inc.

Part # R8152S102B
Description  1 A 24 V LDO for Automotive Applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

R8152S102B Datasheet(HTML) 10 Page - Nisshinbo Micro Devices Inc.

Back Button R8152S102B Datasheet HTML 6Page - Nisshinbo Micro Devices Inc. R8152S102B Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. R8152S102B Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. R8152S102B Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. R8152S102B Datasheet HTML 10Page - Nisshinbo Micro Devices Inc. R8152S102B Datasheet HTML 11Page - Nisshinbo Micro Devices Inc. R8152S102B Datasheet HTML 12Page - Nisshinbo Micro Devices Inc. R8152S102B Datasheet HTML 13Page - Nisshinbo Micro Devices Inc. R8152S102B Datasheet HTML 14Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
R8152x
NO. EC-238-180730
10
PACKAGE INFORMATION
POWER DISSIPATION (HSOP-6J)
The power dissipation of the package is dependent on PCB material, layout, and environmental conditions.
The following conditions are used in this measurement.
Measurement Conditions
Ultra-high Wattage Land Pattern
Standard Land Pattern
Environment
Mounting on Board
(Wind Velocity = 0 m/s)
Mounting on Board
(Wind Velocity = 0 m/s)
Board Material
Glass Cloth Epoxy Plastic
(Four-layer Board)
Glass Cloth Epoxy Plastic
(Double-sided Board)
Board Dimensions
76.2 mm × 114.3 mm × 0.8 mm
50 mm × 50 mm × 1.6 mm
Copper Ratio
96%
50%
Through-holes
 0.3 mm × 28 pcs
 0.5 mm × 24 pcs
Measurement Result
(Ta = 25°C, Tjmax = 150°C)
Ultra-high Wattage Land Pattern Standard Land Pattern
Free Air
Power Dissipation
3400 mW
2100 mW
675 mW
Thermal Resistance
37°C/W
59°C/W
185°C/W
Ultra-high Wattage
Standard
IC Mount Area (mm)
Power Dissipation vs. Ambient Temperature
Measurement Board Pattern
0
250
500
750
1000
1250
1500
1750
2000
2250
2500
2750
3000
3250
3500
0
25
50
75
100
125
150
Ambient Temperature (
°C)
3400
2100
On Board
Ultra-high Wattage
Land Pattern
On Board
Standard Land Pattern
675
Free Air
50
76.2
50
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com