Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8152S104B Datasheet(PDF) 3 Page - Nisshinbo Micro Devices Inc.

Part # R8152S104B
Description  1 A 24 V LDO for Automotive Applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

R8152S104B Datasheet(HTML) 3 Page - Nisshinbo Micro Devices Inc.

  R8152S104B Datasheet HTML 1Page - Nisshinbo Micro Devices Inc. R8152S104B Datasheet HTML 2Page - Nisshinbo Micro Devices Inc. R8152S104B Datasheet HTML 3Page - Nisshinbo Micro Devices Inc. R8152S104B Datasheet HTML 4Page - Nisshinbo Micro Devices Inc. R8152S104B Datasheet HTML 5Page - Nisshinbo Micro Devices Inc. R8152S104B Datasheet HTML 6Page - Nisshinbo Micro Devices Inc. R8152S104B Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. R8152S104B Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. R8152S104B Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
R8152x
NO. EC-238-180730
3
PIN DESCRIPTIONS
HSOP-6J
TO-252-5-P2
1
3
6
4
2
5
1
2
3
4
5
*1
R8152S: HSOP-6J
Pin No.
Symbol
Description
1
VDD
Input Voltage
2
GND*
Ground Pin
3
GND*
Ground Pin
4
CE
Chip Enable Pin (“H” Active)
5
GND*
Ground Pin
6
VOUT
Output Pin
*) No. 2, No. 3 and No. 5 pins must be wired to the GND plane when they are mounted on board.
R8152J: TO-252-5-P2
Pin No.
Symbol
Description
1
VDD
Input Voltage
2
GND*
Ground Pin
3
GND*
Ground Pin
4
CE
Chip Enable Pin (“H” Active)
5
VOUT
Output Pin
*1 The tab on the bottom of the package enhances thermal performance and is electrically connected to
GND (substrate level). It is recommended that the tab be connected to the ground plane on the board, or otherwise
be left open.
*) No. 2 and No. 3 pins must be wired to the GND plane when they are mounted on board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com