Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8152S104B Datasheet(PDF) 6 Page - Nisshinbo Micro Devices Inc.

Part # R8152S104B
Description  1 A 24 V LDO for Automotive Applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

R8152S104B Datasheet(HTML) 6 Page - Nisshinbo Micro Devices Inc.

Back Button R8152S104B Datasheet HTML 2Page - Nisshinbo Micro Devices Inc. R8152S104B Datasheet HTML 3Page - Nisshinbo Micro Devices Inc. R8152S104B Datasheet HTML 4Page - Nisshinbo Micro Devices Inc. R8152S104B Datasheet HTML 5Page - Nisshinbo Micro Devices Inc. R8152S104B Datasheet HTML 6Page - Nisshinbo Micro Devices Inc. R8152S104B Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. R8152S104B Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. R8152S104B Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. R8152S104B Datasheet HTML 10Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
R8152x
NO. EC-238-180730
6
Product-specific Electrical Characteristics
(–40
C ≤ Ta ≤ 110C)
Product Name
VOUT [V]
VDIF [V]
(Ta = 25
C)
(–40
C ≤ Ta ≤ 110C)
MIN.
TYP.
MAX.
MIN.
MAX.
TYP.
MAX.
R8152x030B
2.940
3.000
3.060
2.880
3.120
0.675
1.125
R8152x031B
3.038
3.100
3.162
2.976
3.224
R8152x032B
3.136
3.200
3.264
3.072
3.328
R8152x033B
3.234
3.300
3.366
3.168
3.432
R8152x034B
3.332
3.400
3.468
3.264
3.536
R8152x035B
3.430
3.500
3.570
3.360
3.640
R8152x036B
3.528
3.600
3.672
3.456
3.744
R8152x037B
3.626
3.700
3.774
3.552
3.848
R8152x038B
3.724
3.800
3.876
3.648
3.952
R8152x039B
3.822
3.900
3.978
3.744
4.056
R8152x040B
3.920
4.000
4.080
3.840
4.160
R8152x041B
4.018
4.100
4.182
3.936
4.264
R8152x042B
4.116
4.200
4.284
4.032
4.368
R8152x043B
4.214
4.300
4.386
4.128
4.472
R8152x044B
4.312
4.400
4.488
4.224
4.576
R8152x045B
4.410
4.500
4.590
4.320
4.680
R8152x046B
4.508
4.600
4.692
4.416
4.784
R8152x047B
4.606
4.700
4.794
4.512
4.888
R8152x048B
4.704
4.800
4.896
4.608
4.992
R8152x049B
4.802
4.900
4.998
4.704
5.096
R8152x050B
4.900
5.000
5.100
4.800
5.200
0.575
1.015
R8152x051B
4.998
5.100
5.202
4.896
5.304
R8152x052B
5.096
5.200
5.304
4.992
5.408
R8152x053B
5.194
5.300
5.406
5.088
5.512
R8152x054B
5.292
5.400
5.508
5.184
5.616
R8152x055B
5.390
5.500
5.610
5.280
5.720
R8152x056B
5.488
5.600
5.712
5.376
5.824
R8152x057B
5.586
5.700
5.814
5.472
5.928
R8152x058B
5.684
5.800
5.916
5.568
6.032
R8152x059B
5.782
5.900
6.018
5.664
6.136
R8152x060B
5.880
6.000
6.120
5.760
6.240
R8152x061B
5.978
6.100
6.222
5.856
6.344
R8152x062B
6.076
6.200
6.324
5.952
6.448
R8152x063B
6.174
6.300
6.426
6.048
6.552
R8152x064B
6.272
6.400
6.528
6.144
6.656
R8152x065B
6.370
6.500
6.630
6.240
6.760
R8152x066B
6.468
6.600
6.732
6.336
6.864
R8152x067B
6.566
6.700
6.834
6.432
6.968
R8152x068B
6.664
6.800
6.936
6.528
7.072
R8152x069B
6.762
6.900
7.038
6.624
7.176
R8152x070B
6.860
7.000
7.140
6.720
7.280
R8152x071B
6.958
7.100
7.242
6.816
7.384
R8152x072B
7.056
7.200
7.344
6.912
7.488
R8152x073B
7.154
7.300
7.446
7.008
7.592
R8152x074B
7.252
7.400
7.548
7.104
7.696
R8152x075B
7.350
7.500
7.650
7.200
7.800
R8152x076B
7.448
7.600
7.752
7.296
7.904
R8152x077B
7.546
7.700
7.854
7.392
8.008
R8152x078B
7.644
7.800
7.956
7.488
8.112
R8152x079B
7.742
7.900
8.058
7.584
8.216



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com