Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7125 Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # SH7125
Description  Renesas 32-Bit RISC Microcomputer
PDF  782 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7125 Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button SH7125 Datasheet HTML 82Page - Renesas Technology Corp SH7125 Datasheet HTML 83Page - Renesas Technology Corp SH7125 Datasheet HTML 84Page - Renesas Technology Corp SH7125 Datasheet HTML 85Page - Renesas Technology Corp SH7125 Datasheet HTML 86Page - Renesas Technology Corp SH7125 Datasheet HTML 87Page - Renesas Technology Corp SH7125 Datasheet HTML 88Page - Renesas Technology Corp SH7125 Datasheet HTML 89Page - Renesas Technology Corp SH7125 Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 782 page
background image
Section 4
Clock Pulse Generator (CPG)
Rev. 3.00
Sep. 27, 2007
Page 66 of 758
REJ09B0243-0300
4.6
Oscillator
Clock pulses can be supplied from a connected crystal resonator or an external clock.
4.6.1
Connecting Crystal Resonator
A crystal resonator can be connected as shown in figure 4.2. Use the damping resistance (Rd)
listed in table 4.6. Use a crystal resonator that has a resonance frequency of 10 to 12.5 MHz. It is
recommended to consult the crystal resonator manufacturer concerning the compatibility of the
crystal resonator and the LSI.
EXTAL
XTAL
Rd
CL2
CL1
CL1 = CL2 = 18 to 22 pF (Reference values)
Figure 4.2
Connection of Crystal Resonator (Example)
Table 4.6
Damping Resistance Values (Reference Values)
Frequency (MHz)
10
12.5
Rd (
Ω) (Reference Values)
0
0
Figure 4.3 shows an equivalent circuit of the crystal resonator. Use a crystal resonator with the
characteristics listed in table 4.7.
XTAL
CL
EXTAL
C0
L
Rs
Figure 4.3
Crystal Resonator Equivalent Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com