Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7125 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # SH7125
Description  Renesas 32-Bit RISC Microcomputer
PDF  782 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7125 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button SH7125 Datasheet HTML 17Page - Renesas Technology Corp SH7125 Datasheet HTML 18Page - Renesas Technology Corp SH7125 Datasheet HTML 19Page - Renesas Technology Corp SH7125 Datasheet HTML 20Page - Renesas Technology Corp SH7125 Datasheet HTML 21Page - Renesas Technology Corp SH7125 Datasheet HTML 22Page - Renesas Technology Corp SH7125 Datasheet HTML 23Page - Renesas Technology Corp SH7125 Datasheet HTML 24Page - Renesas Technology Corp SH7125 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 782 page
background image
Section 1
Overview
Rev. 3.00
Sep. 27, 2007
Page 1 of 758
REJ09B0243-0300
Section 1
Overview
1.1
Features of SH7125 and SH7124
This LSI is a single-chip RISC (Reduced Instruction Set Computer) microcomputer that integrates
a Renesas Technology original RISC CPU core with peripheral functions required for system
configuration.
The CPU in this LSI has a RISC-type instruction set. Most instructions can be executed in one
state (one system clock cycle), which greatly improves instruction execution speed. In addition,
the 32-bit internal-bus architecture enhances data processing power. With this CPU, it has become
possible to assemble low-cost, high-performance, and high-functioning systems, even for
applications that were previously impossible with microcomputers, such as real-time control,
which demands high speeds.
In addition, this LSI includes on-chip peripheral functions necessary for system configuration,
such as a ROM, a RAM, timers, a serial communication interface (SCI), an A/D converter, an
interrupt controller (INTC), and I/O ports.
The version of the on-chip ROM is F-ZTAT
TM (Flexible Zero Turn Around Time)* that includes
flash memory. The flash memory can be programmed with a programmer that supports
programming of this LSI, and can also be programmed and erased by software. This enables LSI
chip to be re-programmed at a user-site while mounted on a board.
The features of this LSI are listed in table 1.1.
Note: * F-ZTAT
TM is a trademark of Renesas Technology Corp.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com