Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USOPTL4-LS Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # USOPTL4-LS
Description  In-line USB Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

USOPTL4-LS Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  USOPTL4-LS Datasheet HTML 1Page - Advantech Co., Ltd. USOPTL4-LS Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
All product specifications are subject to change without notice.
www.advantech-bb.com
Corporate Headquarters: 707 Dayton Road, PO Box 1040 Ottawa, IL 61350 USA 815-433-5100 Fax 433-5104
European Office: Westlink Commercial Park, Oranmore Co. Galway Ireland +353 91 792444 Fax +353 91 792445
orders@advantech-bb.com
support@advantech-bb.com
In-line USB Converters
USOPTL4, USPTL4, USO9ML4
Models USOPTL4, USPTL4 and USO9ML4 are USB to one port RS-422/485
converters. Supporting 2-wire RS-485 or 4-wire RS-422/485 communications,
these devices are great for applications requiring long range or multi-drop
capabilities. High retention USB port holds standard USB cables tight.
Models USOPTL4 & USO9ML4 include circuitry with 2000 Volts isolation to
protect against ground loops and voltage spikes. Models USOPTL4 and USPTL4
use pluggable terminal blocks on the RS-422/485 side while Model USO9ML4
uses a DB9 connector on the RS-422/485 side. Two LEDs indicate data transmit
or receive. The converters draw power from the USB port so no power supply is
required.
Simply install the drivers supplied on CD ROM and plug the converter into an
available USB port on your computer or USB hub. The device show ups as an
additional COM port in the Windows Device Manager, and is compatible with
Windows applications.
Universal Serial Bus (USB)
USB has become the connectivity workhorse of today’s PCs, replacing classic
serial ports. But, many commercial and industrial devices still use RS-422/485
interfaces. To connect these devices to modern PCs, you need robust and
reliable conversion solutions. USB ports are becoming more common on
commercial and industrial equipment such as point-of-sale peripherals, medical
devices, scientific instrumentation, laboratory equipment and other devices or in
environments where surges, spikes and ground loops are likely to occur.
RS-485 Control
No special software is required to control the RS-485 receiver or transmit line
driver. The driver is automatically enabled during each byte transmitted in RS-
485 mode. The transmitter is always enabled in RS-422 mode. The receiver
is tri-stated during each byte transmitted in the echo-off mode. The receiver is
always enabled in the echo-on mode. There are 4.7k Ohm pull-up/pull-down
resistors on the RDA and RDB lines. A termination resistor may be added to R16
if needed. See the B+B Smartworx RS-422/RS-485 Application Note (available
on our website) for more information on termination and DC biasing of an RS-
485 network.
• 2000 V RMS Optical Isolation (isolated models)
• Adds a COM Port to Your PC
• LEDs for Transmit and Receive Data Lines
• USB 1.0, 1.1 and 2.0 Compatible (12 Mbps)
• High Retention USB Port
• Powered by USB Port
• Locked Serial Number option (-LS models)
PRODUCT FEATURES
ORDERING INFORMATION
MODEL NO.
ISOLATION
RS-422/RS-485 CONNECTOR
LOCKED
SERIAL
NUMBER?
USOPTL4
2 kV
Pluggable Terminal Block
–
USOPTL4-LS
2 kV
Pluggable Terminal Block
Yes
USPTL4
–
Pluggable Terminal Block
–
USPTL4-LS
–
Pluggable Terminal Block
Yes
USO9ML4
2 kV
DB9 Male Connector
–
ACCESSORIES
TB5P508SR-2PK - 5-position terminal block with strain relief paddle board, 2 pack
Locked Serial Numbers Explained
We configure our single-port USB to serial converters in two ways. In standard
format, each product has a unique serial number. “Locked serial” format uses the
same serial number that is associated with a model type.
If your converter will always be used with the same computer, the standard
serialized model is all you need. If the converter is shared among several
computers, like field service laptops, the locked serial number model lets you plug
and play without having to worry about matching the two.
Description
Serialized
Locked
Serial
Number
Every unit is assigned a unique COM port
✔
-
Same type model numbers shares the same COM port
-
✔
Ideal applications
Fixed
Locations
Field
Service
When ordering Locked Serial Number versions, add a “-LS” to the item
number. Serialized and Lock Serial Number versions sell for the same price.
USOPTL4-USPTL4-USO9ML2_4117ds


Similar Part No. - USOPTL4-LS

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
USOPTL4DR ADVANTECH-USOPTL4DR Datasheet
433Kb / 2P
Isolated USB to RS-422/485 Converters
USOPTL4DR-2 ADVANTECH-USOPTL4DR-2 Datasheet
433Kb / 2P
Isolated USB to RS-422/485 Converters
USOPTL4DR-LS ADVANTECH-USOPTL4DR-LS Datasheet
433Kb / 2P
Isolated USB to RS-422/485 Converters
More results

Similar Description - USOPTL4-LS

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84142-A250-S2 EPCOS-B84142-A250-S2 Datasheet
172Kb / 7P
72-Line Filters for Converters in Traction Systems
logo
STMicroelectronics
VIPER28 STMICROELECTRONICS-VIPER28 Datasheet
1Mb / 29P
Off-line high voltage converters
30-Sep-2008
logo
Transcend Information. ...
TS2GMP330 TRANSCEND-TS2GMP330 Datasheet
169Kb / 3P
Built-in USB connector And Line-in Recording
logo
STMicroelectronics
VIPER25LN STMICROELECTRONICS-VIPER25LN Datasheet
1Mb / 40P
Off-line high voltage converters
21-Jul-2010
logo
C-Media Electronics
CM6317A CMEDIA-CM6317A Datasheet
559Kb / 24P
USB Audio Single Chip Solution for Stereo Microphone & Line In
logo
STMicroelectronics
VIPER27 STMICROELECTRONICS-VIPER27 Datasheet
1Mb / 31P
Off-line high voltage converters
July 2010 Rev 5
logo
Advantech Co., Ltd.
TTL5USB9M ADVANTECH-TTL5USB9M Datasheet
408Kb / 2P
USB to TTL Miniature Converters
BB-USO9ML4 ADVANTECH-BB-USO9ML4 Datasheet
257Kb / 2P
In-line USB Converters
BB-4WSD9OTB ADVANTECH-BB-4WSD9OTB Datasheet
381Kb / 1P
Isolated In-line Serial Converters
ULI-321D ADVANTECH-ULI-321D Datasheet
587Kb / 3P
USB to RS-232 Converters
10-Aug-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com