Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BB-RPS-V2-WR2-US Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # BB-RPS-V2-WR2-US
Description  8-ch Digital Input IoT Wireless I/O Module with RS-485 Port
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

BB-RPS-V2-WR2-US Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  BB-RPS-V2-WR2-US Datasheet HTML 1Page - Advantech Co., Ltd. BB-RPS-V2-WR2-US Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Specifications
Digital Input
ƒ
Channels
8
ƒ
Logic Level
Dry Contact 0: Open
1: Close to DCOM
Wet Contact 0: 0 ~ 3 VDC
1: 10 ~ 30 VDC (3 mA min.)
ƒ
Isolation
3,000 Vrms
ƒ
Supports 3 kHz Counter Input (32-bit + 1-bit overflow)
ƒ
Keep/Discard Counter Value when Power-off
ƒ
Supports 3 kHz Frequency Input
ƒ
Supports Inverted DI Status
Serial Port
ƒ
Port Number
1
ƒ
Type
RS-485
ƒ
Serial Signal
DATA+, DATA-
ƒ
Data Bits
7, 8
ƒ
Stop Bits
1, 2
ƒ
Parity
None, Odd, Even
ƒ
Baud Rate
1200, 2400, 4800, 9600, 19200,
(bps)
38400, 57600, 115200
ƒ
Protection
15 kV ESD
ƒ
Protocol
Modbus/RTU
(Total 64 address by max. 20 instructions)
General
ƒ
WLAN
IEEE 802.11b/g/n 2.4GHz
ƒ
Outdoor Range
110 m with line of sight
ƒ
Connectors
Plug-in screw terminal block (I/O and power)
ƒ
Watchdog Timer
System (1.6 second) and
Communication (programmable)
ƒ
Certification
CE, FCC, R&TTE, NCC, SRRC, RoHS
ƒ
Dimensions (W x H x D)
80 x 148 x 25 mm
ƒ
Enclosure
PC
ƒ
Mounting
DIN 35 rail, wall, and stack
ƒ
Power Input
10 ~ 30 VDC
ƒ
Power Consumption
2.2 W @ 24 VDC
ƒ
Power Reversal Protection
ƒ
Supports User Defined Modbus Address
ƒ
Supports Data Log Function
Up to 10000 samples with RTC time stamp
ƒ
Supported Protocols
Modbus/TCP, TCP/IP, UDP, DHCP, and HTTP,
MQTT
ƒ
Supports RESTful Web API in JSON format
ƒ
Supports Web Server in HTML5 with JavaScript & CSS3
ƒ
Supports System Configuration Backup and User Access Control
WISE-4051
Environment
ƒ
Operating Temperature
-25 ~ 70°C (-13~158°F)
ƒ
Storage Temperature
-40 ~ 85°C (-40~185°F)
ƒ
Operating Humidity
20 ~ 95% RH (non-condensing)
ƒ
Storage Humidity
0 ~ 95% RH (non-condensing)
Pin Assignment
Ordering Information
ƒ
WISE-4051-B
8-ch Digital Input IoT Wireless I/O Module with RS-485 Port
Selection Table
Model
Name
Universal
Input
Digital
Input
Digital
Output
Relay
Output
RS-485
WISE-4012
4
2
WISE-4050
4
4
WISE-4051
8
1
WISE-4060
4
4
Accessories
ƒ
96PSD-A30W24-DS DIN Rail Power Supply (1.25A Output Current)
ƒ
BB-RPS-V2-WR2-US Power Supply, 12V/1A, US plug
ƒ
BB-RPS-V2-WR2-EU Power Supply, 12V/1A, EU plug
ƒ
1750008767-01
Magnetic Antenna Extend Cable Base 150cm
ƒ
EKI-6333AC-2G
IEEE 802.11 a/b/g/n/ac Concurrent Dual-Band Wi-Fi AP/
Client
Unit: mm
Dimensions



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com