Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BB-RPS-V2-WR2-US Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # BB-RPS-V2-WR2-US
Description  8-ch Digital Input IoT Wireless I/O Module with RS-485 Port
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

BB-RPS-V2-WR2-US Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  BB-RPS-V2-WR2-US Datasheet HTML 1Page - Advantech Co., Ltd. BB-RPS-V2-WR2-US Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Wireless IoT Sensing Devices
Features
WISE-4051
8-ch Digital Input IoT Wireless I/O
Module with RS-485 Port
ƒ
8-ch digital input with 1-port RS-485 for Modbus devices
ƒ
2.4GHz Wi-Fi reducing the wiring cost during big data acquisition
ƒ
Easily extend the existing network by adding APs, and share existing Ethernet
software
ƒ
Configured by mobile devices directly without installing any software or Apps
ƒ
Zero data loss using the log function with RTC time stamp
ƒ
Data can be automatically pushed to Dropbox or computer
ƒ
Supports RESTful web API in JSON format for IoT integration
ƒ
Supports Peer to Peer (P2P) function
Introduction
The WISE-4051 is an Ethernet-based wireless IoT device, integrated with IoT data
acquisition, processing, and publishing functions. As well as various I/O types, the WISE-
4051 provides data pre-scaling, data logic, and data logger functions. Data can be accessed
via mobile devices and be securely published to the cloud anytime from anywhere.
Modbus/RTU to Web Service or Modbus/TCP
The RS-485 port of the WISE-4051 supports
Modbus, which can be used to poll the data
from Modbus/RTU devices, like ADAM-4000,
or ADAM- 5000/485. Then you can access the
data by Modbus or REST from the WISE-4051.
The data can also be logged.
RESTful Web Service with Security Socket
As well as supporting Modbus/TCP, the WISE-4051 series also supports IoT communication
protocol, RESTful web service. Data can be polled or even be pushed automatically from
the WISE-4051 when the I/O status is changed. The I/O status can be retrieved over the
web using JSON. The WISE-4051 also supports HTTPS which has security that can be
used in a Wide Area Network (WAN).
Data Storage
The WISE-4000 can log up to 10,000 samples of data with a time stamp. The I/O data
can be logged periodically, and also when the I/O status changes. Once the memory is
full, users can choose to overwrite the old data to ring log or just stop the log function.
Cloud Storage
Data logger can push the data to file-based cloud services like Dropbox using
pre-configured criteria. With RESTful API, the data can also been pushed to a private
cloud server in the format of JSON. Users can setup their private cloud server using the
provided RESTful API and their own platform.
Peer to Peer (P2P)
The function can help send signals from one module to another module without controller,
periodically and change of status, AI/DI to DO. It support basic mode for one target module/
channel and advanced mode for multiple target modules/channels. The data support UDP
protocol (ASCII command) and can be encrypted with AES-128.
Features
IEEE 802.11 b/g/n 2.4GHz Wi-Fi with AP Mode
The Wi-Fi interface is easily integrated with wired or wireless Ethernet devices, users
only need to add a wireless router or AP to extend existing Ethernet network to wireless.
The limited AP mode enables the WISE-4000 to be accessed via other Wi-Fi devices
directly as an AP.
All product specifications are subject to change without notice.
Last updated: 27-Jun-2024


Similar Part No. - BB-RPS-V2-WR2-US

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
BB-RPS-V2-WR2-US ADVANTECH-BB-RPS-V2-WR2-US Datasheet
457Kb / 2P
1-Port RS-232/422/485 Modbus Gateway
19-Aug-2022
BB-RPS-V2-WR2-US ADVANTECH-BB-RPS-V2-WR2-US Datasheet
452Kb / 2P
10KHz@1-axis Smart Vibration Sensor
20-Dec-2023
BB-RPS-V2-WR2-US ADVANTECH-BB-RPS-V2-WR2-US Datasheet
1Mb / 2P
4-ch Digital Input and 4-ch Relay Output IoT Wireless I/O Module
27-Jun-2024
BB-RPS-V2-WR2-US ADVANTECH-BB-RPS-V2-WR2-US Datasheet
978Kb / 3P
Wi-Fi 2.4/5 GHz 802.11 a/b/g/n/ac I/O and Sensor Module
27-Jun-2024
BB-RPS-V2-WR2-US ADVANTECH-BB-RPS-V2-WR2-US Datasheet
346Kb / 2P
Industrial LoRaWAN Gateway
1-Jul-2024
More results

Similar Description - BB-RPS-V2-WR2-US

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-4056SO ADVANTECH-ADAM-4056SO Datasheet
80Kb / 1P
16-ch Digital Input Module 16-ch Isolated Digital I/O Module with Modbus
ADAM-2051Z ADVANTECH-ADAM-2051Z Datasheet
1Mb / 1P
Wireless 8-ch Digital Input Node
WISE-4012 ADVANTECH-WISE-4012 Datasheet
137Kb / 1P
IoT Wireless I/O Module
logo
Contec Co., Ltd
CPSN-COM-1PD CONTEC-CPSN-COM-1PD Datasheet
368Kb / 2P
Serial I/O Module RS-422A/485
logo
Moxa Inc.
R1200 MOXA-R1200 Datasheet
2Mb / 7P
RS-485 remote I/O
logo
Advantech Co., Ltd.
WISE-4012 ADVANTECH-WISE-4012 Datasheet
1Mb / 2P
4-ch Universal Input and 2-ch Digital Output IoT Wireless I/O Module
6-Jul-2021
WISE-4051 ADVANTECH-WISE-4051 Datasheet
1Mb / 2P
8-ch Digital Input IoT Wireless I/O Module with RS-485 Port
6-Jul-2021
WISE-2200-M ADVANTECH-WISE-2200-M Datasheet
404Kb / 2P
LoRaWAN Single RS-485 I/O Module
16-Mar-2022
WISE-4012E ADVANTECH-WISE-4012E Datasheet
461Kb / 2P
6-ch Input/Output IoT Wireless I/O Module for IoT Developers
6-Jul-2021
logo
AAEON Technology
SRG-4858P AAEON-SRG-4858P Datasheet
531Kb / 2P
Standard IoT Gateway System With RS-485 x10 ports I/O Function
2022/10/21
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com