Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EZD-R16 Datasheet(PDF) 7 Page - Omega Engineering, Inc.

Part # EZD-R16
Description  EZ Series Intelligent Relays
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

EZD-R16 Datasheet(HTML) 7 Page - Omega Engineering, Inc.

  EZD-R16 Datasheet HTML 1Page - Omega Engineering, Inc. EZD-R16 Datasheet HTML 2Page - Omega Engineering, Inc. EZD-R16 Datasheet HTML 3Page - Omega Engineering, Inc. EZD-R16 Datasheet HTML 4Page - Omega Engineering, Inc. EZD-R16 Datasheet HTML 5Page - Omega Engineering, Inc. EZD-R16 Datasheet HTML 6Page - Omega Engineering, Inc. EZD-R16 Datasheet HTML 7Page - Omega Engineering, Inc. EZD-R16 Datasheet HTML 8Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
A-24
71.5
(2.81)
35.8
(1.41)
90.0
(3.54)
102.0
(4.02)
110.0
(4.33)
50.0
(1.97)
10.8
(0.42)
(M4) 3.9 DIA.
(0.157)
58.0
(2.28)
45.0
(1.77)
4.5
(0.18)
56.5
(2.22)
47.5
(1.87)
EZ500
107.5
(4.23)
90.0
(3.54)
102.0
(4.02)
110.0
(4.33)
75.0
(2.96)
16.3
(0.64)
(M4) 3.9 DIA.
(0.157)
58.0
(2.28)
45.0
(1.77)
4.5
(0.18)
56.5
(2.22)
47.5
(1.87)
16.3
(0.64)
EZ700
Dimensions: mm (inch)
107.5
(4.23)
90.0
(3.54)
102.0
(4.02)
110.0
(4.33)
75.0
(2.96)
16.3
(0.64)
(M4) 3.9 DIA.
(0.157)
72.0
(2.83)
45.0
(1.77)
4.5
(0.18)
70.5
(2.78)
48.5
(1.91)
16.3
(0.64)
EZ800
MODEl nO.
EZ512-AC
EZ512-DC-R
EZ719-AC EZ719-DC-RC EZ819-AC
EZ819-DC-RC
supplY VOltAGE
100 to
100 to
100 to
240 Vac
24 Vdc
240 Vac
24 Vdc
240 Vac
24 Vdc
HEAt DIssIpAtIOn
5 VA
2 W
10 VA
3.5 W
10 VA
3.4 W
COntInuOus CuRREnt
Outputs (1)
8 A
8 A
8 A
8 A
8 A
8 A
MOuntInG
On top-hat rail to DIN 50022, 35 mm or screw mounting with
EZB4-101-GF1 fixing brackets
COnnECtIOn CABlEs
0.2 to 4.0 mm2 (AWG 22-12), solid 0.2 to 2.5 mm2 (AWG 22-12), flexible
DEGREE Of pROtECtIOns
IP 20
RfI suppREssIOn
EN 55011, EN 55022 Class B, IEC 61000-6-1, 2, 3, 4
AMBIEnt OpERAtInG
tEMpERAtuRE
-25 to 55°C
tRAnspORt AnD stORAGE
tEMpERAtuRE
-40 to 70°C
CERtIfICAtIOn,
stAnDARDs
EN 50178, IEC/EN 60947, UL, CSA, Class 1, Div 2
EZ500, EZ700 and EZ800 Series
88.1
(3.47)
90.0
(3.54)
19.0
(0.75)
25.0
(0.98)
EZD-R
(M4) 3.9 DIA.
(0.157)
7.5
(0.30)
110.0
(4.33)
102.0
(4.02)
90.0
(3.54)
7.5
(0.30)
35.5
(1.40)
47.5
(1.87)
56.5
(2.22)
4.5
(0.18)
45.0
(1.77)
58.0
(2.28)
EZ202-RE
EZ200-EZ
EZ205-ASI



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com