Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EZD-R16 Datasheet(PDF) 8 Page - Omega Engineering, Inc.

Part # EZD-R16
Description  EZ Series Intelligent Relays
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

EZD-R16 Datasheet(HTML) 8 Page - Omega Engineering, Inc.

  EZD-R16 Datasheet HTML 1Page - Omega Engineering, Inc. EZD-R16 Datasheet HTML 2Page - Omega Engineering, Inc. EZD-R16 Datasheet HTML 3Page - Omega Engineering, Inc. EZD-R16 Datasheet HTML 4Page - Omega Engineering, Inc. EZD-R16 Datasheet HTML 5Page - Omega Engineering, Inc. EZD-R16 Datasheet HTML 6Page - Omega Engineering, Inc. EZD-R16 Datasheet HTML 7Page - Omega Engineering, Inc. EZD-R16 Datasheet HTML 8Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
86.5
(3.41)
62.0
(2.44)
28.3
(1.11)
30.0
(1.18)
0.2
0.01
86.5
(3.41)
32.0
(1.26)
17.0
(0.67)
30.0
(1.18)
22.3
(0.88)
+0.4
+0.02
13.7
(0.54)
20.0
(0.79)
28.3
(1.11)
22.5
(0.89)
30.0
(1.18)
Template for Holes, Scale 1:1
EZD-80
EZD-CP...
EZD-80
EZD Displays (EZD-80 and EZD-80B)
EZD CPU/Power Supply Module
MODEl
EZD-Cp8
EZD-AC-Cp8
supplY VOltAGE
24 Vdc
100 to 240 Vac
HEAt DIssIpAtIOn
3 W
8 VA
MOuntInG
Snap fitted to EZD-80 or on top-hat rail to DIN 50022,
35 mm or screw mounting with EZB4-101-GF1 fixing brackets
30.0
(1.18)
0.2
0.01
16.3
(0.640)
75.0
(2.95)
90.0
(3.54)
107.5
(4.23)
0.64
(16.3)
4.5
(0.18)
38.8
(1.53)
29.5
(1.16)
38.8
(1.53)
EZD-CP8
Dimensions: mm (inch)
supplY VOltAGE
Supply from EZD-CP8
HEAt DIssIpAtIOn
3 W
MOuntInG
Front Mounting in 2 x 22.5 mm Standard Drill Holes
DEGREE Of pROtECtIOns
IP65
RfI suppREssIOn
EN 55011, EN 55022 Class B, IEC 61000-6-1,2,3,4
AMBIEnt OpERAtInG tEMpERAtuRE
Clearly Legible at -5 to 50°C
tRAnspORt AnD stORAGE tEMpERAtuRE
-40 to 70°C
CERtIfICAtIOn, stAnDARDs
EN 50178, IEC/EN 60947, UL, CSA, Class 1, Div 2
A-25



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com