Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DHM185AC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DHM185AC
Description  HIGH SENSITIVITY ZERO-BIAS SCHOTTKY DIODE DETECTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DHM185AC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DHM185AC Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
HIGH SENSITIVITY ZERO-BIAS SCHOTTKY
DIODE DETECTORS
100 KHz - 26.5 GHz
FEATURES
• No Bias Required
• Matched Input for Excellent VSWR
• 3 dB More Sensitive (1.0 mV / μW) Than Traditional
Matched Zero Bias Detectors
• Very Wide Dynamic Range, 10 μV to 5V (For Input
Power –50 dBm to +20 dBm)
• Extremely Flat Frequency Response
APPLICATIONS
• Radar Equipment
• Transmitter Monitoring
• Power and Signal Monitoring
• Missile Guidance Systems
• Lab Testing
ENVIRONMENTAL RATINGS
Max Input Power.…………………………..…. 200 mW
Temperature Range…….……………-55
°C to +100°C
Shock……………...……….….………… 50G, 11 msec
Vibration..………...…..…….……….. 20G, 100 to 2000
Specifications: (@ +25
°C)
CONNECTOR
SIIZE (INCHES)
MODEL
FREQUENCY
RANGE
(GHz)
MAX VSWR
MAXIMUM
FLATNESS
(
± dB)
LOW LEVEL
SENSITIVITY
(mV /
μW)
HIGH
LEVEL
OUPUT @
+13dBm
(V)
INPUT
OUTPUT
LENGTH
DIA
DHM020BB
100 KHz - 2.0 GHz
DHM040BB
100 KHz - 4.0 GHz
1.3:1
0.1 (per
100KHz)
0.3 (overall)
1.0
2
BNC (M))
BNC (F)
2.48
0.68
DHM124AA
SMA (M)
SMA (F)
1.05
0.32
DHM124AB
SMA (M)
BNC (F)
2.50
0.56
DHM124NB
10 MHz - 12.4 GHz
1.4:1
0.5
1.0
2
N (M)
BNC (F)
2.46
0.75
DHMA18AB
1.89
0.39
DHM185AB
SMA (M)
BNC (F)
2.50
0.56
DHM185AC
10 MHz - 18.5 GHz
1.5:1
0.5
1.0
2
SMA (M)
SMC (M)
1.20
0.32
DHM185AA
SMA (M)
SMA (F)
1.05
0.32
DHM185NB
N (M)
BNC (F)
2.46
0.75
DHM1857B
10 MHz - 18.5 GHz
1.4:1
0.5
1.0
2
APC-7
BNC (F)
2.59
0.75
DHM265AA
SMA (F)
1.05
0.32
DHMA26AB
BNC (F)
1.89
0.39
DHM265AC
1.0
2
SMA (M)
SMC (M)
1.20
0.32
DHM2653B
BNC (F)
1.89
0.39
DHM2653C
10 MHz - 26.5 GHz
1.5:1 (to 18.5
GHz)
2:1 (to 26.5
GHz)
0.5
(to 18.5 GHz )
1.0
(to 26.5 GHz)
1.0
2
APC 3.5
(M)
SMC (M)
1.70
0.38
Note 1: Negative output polarity standard. Add “P” to end of model number for positive output polarity
Note 2: Matched pairs available at extra change for frequency response within +/- 0.3 dB below 18.5 GHz and +/- 0.5 dB from 18.5 to 26.5 GHz. Add “M” to end of model number.
For Package Outlines see Outline Drawings Page
HEROTEK, INC. 155 Baytech Drive, San Jose, California 95134
Phone: (408) 941-8399 Fax: (408) 941-8388 Email:info@herotek.com www.herotek.com
Page 1
0603-2-1B


Similar Part No. - DHM185AC

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
DHM5 SENSATA-DHM5 Datasheet
872Kb / 9P
INCREMENTAL IO-LINK ENCODERS
Rev. 01/11/23
DHM5 SENSATA-DHM5 Datasheet
238Kb / 4P
PROGRAMMABLE INCREMENTAL ENCODERS
Rev. 03/29/18
DHM5 SENSATA-DHM5 Datasheet
1,005Kb / 10P
58MM SOLID - BLIND - HOLLOW SHAFT INCREMENTAL ENCODERS
Rev:08/02/22
DHM5 SENSATA-DHM5 Datasheet
221Kb / 5P
FIXED RESOLUTION INCREMENTAL ENCODERS
Rev. 03/29/18
DHM5-06//2G29//01024//G3R SENSATA-DHM5-06//2G29//01024//G3R Datasheet
221Kb / 5P
FIXED RESOLUTION INCREMENTAL ENCODERS
Rev. 03/29/18
More results

Similar Description - DHM185AC

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2086SERIES MACOM-2086SERIES Datasheet
314Kb / 2P
Biased & Zero Biased Schottky Detectors
logo
Advanced Semiconductor
HSCH-3486 ASI-HSCH-3486 Datasheet
16Kb / 1P
ZERO BIAS SCHOTTKY DIODE
logo
Tyco Electronics
MA4E931Z2-1261A MACOM-MA4E931Z2-1261A Datasheet
32Kb / 2P
Schottky Zero Bias Detector Diode
logo
M/A-COM Technology Solu...
MA4E931Z2-1261A MA-COM-MA4E931Z2-1261A Datasheet
69Kb / 1P
Schottky Zero Bias Detector Diode
logo
Advanced Semiconductor
ASI3486 ASI-ASI3486 Datasheet
58Kb / 2P
ZERO BIAS SCHOTTKY DIODE
logo
M/A-COM Technology Solu...
MADS-011010-1419-V1 MA-COM-MADS-011010-1419-V1 Datasheet
175Kb / 3P
Schottky Zero Bias Detector Diode Chip
MADS-011010-1419 MA-COM-MADS-011010-1419_15 Datasheet
175Kb / 3P
Schottky Zero Bias Detector Diode Chip
MA4E931Z2-1261A MA-COM-MA4E931Z2-1261A_15 Datasheet
423Kb / 2P
Schottky Zero Bias Detector Diode
MADS-011010-1419 MA-COM-MADS-011010-1419 Datasheet
175Kb / 3P
Schottky Zero Bias Detector Diode Chip
MADS-011030-14280W MA-COM-MADS-011030-14280W Datasheet
537Kb / 3P
Schottky Zero Bias Detector Diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com