Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSC1001 Datasheet(PDF) 10 Page - Microchip Technology

Part # DSC1001
Description  1.8V-3.3V Low-Power Precision CMOS Oscillators
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC1001 Datasheet(HTML) 10 Page - Microchip Technology

Back Button DSC1001 Datasheet HTML 6Page - Microchip Technology DSC1001 Datasheet HTML 7Page - Microchip Technology DSC1001 Datasheet HTML 8Page - Microchip Technology DSC1001 Datasheet HTML 9Page - Microchip Technology DSC1001 Datasheet HTML 10Page - Microchip Technology DSC1001 Datasheet HTML 11Page - Microchip Technology DSC1001 Datasheet HTML 12Page - Microchip Technology DSC1001 Datasheet HTML 13Page - Microchip Technology DSC1001 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
DSC1001/3/4
DS20005529D-page 10
2017 - 2025 Microchip Technology Inc. and its subsidiaries
5.0
TEST CIRCUIT
FIGURE 5-1:
DSC1001/3/4 Test Circuit.
0.01μF
VDD
15pF
IDD
*VSD
4
1
2
3
*VSD = Standby# Logic Level Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com