Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSC1001 Datasheet(PDF) 15 Page - Microchip Technology

Part # DSC1001
Description  1.8V-3.3V Low-Power Precision CMOS Oscillators
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC1001 Datasheet(HTML) 15 Page - Microchip Technology

Back Button DSC1001 Datasheet HTML 11Page - Microchip Technology DSC1001 Datasheet HTML 12Page - Microchip Technology DSC1001 Datasheet HTML 13Page - Microchip Technology DSC1001 Datasheet HTML 14Page - Microchip Technology DSC1001 Datasheet HTML 15Page - Microchip Technology DSC1001 Datasheet HTML 16Page - Microchip Technology DSC1001 Datasheet HTML 17Page - Microchip Technology DSC1001 Datasheet HTML 18Page - Microchip Technology DSC1001 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
2017 - 2025 Microchip Technology Inc. and its subsidiaries
DS20005529D-page 15
DSC1001/3/4
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
© 2024 Microchip Technology Inc.
4-Lead Very Thin Dual Flatpack, No Lead Package (JZA) - 7x5x0.9 mm Body [VDFN]
With 2.2x3.5 mm Exposed Pad
REF: Reference Dimension, usually without tolerance, for information purposes only.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
1.
2.
3.
Pin 1 visual index feature may vary, but must be located within the pin 1 area.
Package is saw singulated
Dimensioning and tolerancing per ASME Y14.5M
Number of Terminals
Overall Height
Terminal Width
Overall Width
Terminal Length
Exposed Pad Width
Terminal Thickness
Pitch
Standoff
Units
Dimension Limits
A1
A
b
E2
A3
e
L
E
N
5.08 Ref
0.203 Ref
3.40
1.10
1.35
0.80
0.00
1.40
1.20
3.50
0.85
-
5.00
MILLIMETERS
MIN
NOM
004
3.60
1.30
1.45
0.90
0.05
MAX
Overall Length
Exposed Pad Length
D
D2
2.10
7.00
2.20
2.30
Sheet 2 of 2
Microchip Technology Drawing C04-1025-JZA Rev B
4.90
5.10
6.90
7.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com