Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSC1104 Datasheet(PDF) 6 Page - Microchip Technology

Part # DSC1104
Description  Low Jitter Precision HCSL Oscillator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC1104 Datasheet(HTML) 6 Page - Microchip Technology

Back Button DSC1104 Datasheet HTML 2Page - Microchip Technology DSC1104 Datasheet HTML 3Page - Microchip Technology DSC1104 Datasheet HTML 4Page - Microchip Technology DSC1104 Datasheet HTML 5Page - Microchip Technology DSC1104 Datasheet HTML 6Page - Microchip Technology DSC1104 Datasheet HTML 7Page - Microchip Technology DSC1104 Datasheet HTML 8Page - Microchip Technology DSC1104 Datasheet HTML 9Page - Microchip Technology DSC1104 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
DSC1104/24
DS20005870B-page 6
 2017-2019 Microchip Technology Inc.
3.0
NOMINAL PERFORMANCE PARAMETERS
Unless specified otherwise, T = +25°C, VDD = 3.3V.
-80
-70
-60
-50
-40
-30
-20
-10
0
0.1
1
10
100
1000
10000
Supply Noise Frequency (kHz)
50-mV
100-mV
FIGURE 3-1:
Power Supply Rejection
Ratio.
0.0
0.5
1.0
1.5
2.0
2.5
0
200
400
600
800
1000
Low-end of integration BW: x kHz to 20 MHz
50MHz-HCSL
106MHz-HCSL
156MHz-HCSL
212MHz-HCSL
FIGURE 3-2:
Phase Jitter (Integrated
Phase Noise).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com