Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSC1104 Datasheet(PDF) 8 Page - Microchip Technology

Part # DSC1104
Description  Low Jitter Precision HCSL Oscillator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC1104 Datasheet(HTML) 8 Page - Microchip Technology

Back Button DSC1104 Datasheet HTML 4Page - Microchip Technology DSC1104 Datasheet HTML 5Page - Microchip Technology DSC1104 Datasheet HTML 6Page - Microchip Technology DSC1104 Datasheet HTML 7Page - Microchip Technology DSC1104 Datasheet HTML 8Page - Microchip Technology DSC1104 Datasheet HTML 9Page - Microchip Technology DSC1104 Datasheet HTML 10Page - Microchip Technology DSC1104 Datasheet HTML 11Page - Microchip Technology DSC1104 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
DSC1104/24
DS20005870B-page 8
 2017-2019 Microchip Technology Inc.
5.0
TYPICAL TERMINATION SCHEME
VDD
0.1uF
50
Ω
50
Ω
2
34
5
6
Rs = 0
Ω for test
Rs
Rs
100
Ω
Rs is a series termination that,
when added to the output impedance,
add up to the line characteristic impedance
to prevent reflections from the driver back to the line.
FIGURE 5-1:
Typical Termination Scheme.
6.0
TEST CIRCUIT
FIGURE 6-1:
Test Circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com