Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPRP010-W Datasheet(PDF) 1 Page - Raspberry Pi Holdings PLC

Part # CPRP010-W
Description  Official Raspberry Pi HDMI Cable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RASPBERRY-PI [Raspberry Pi Holdings PLC]
Direct Link  https://www.raspberrypi.com/
Logo RASPBERRY-PI - Raspberry Pi Holdings PLC

CPRP010-W Datasheet(HTML) 1 Page - Raspberry Pi Holdings PLC

  CPRP010-W Datasheet HTML 1Page - Raspberry Pi Holdings PLC CPRP010-W Datasheet HTML 2Page - Raspberry Pi Holdings PLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 The official Raspberry Pi HDMI cable has been engineered to maxim-
ise the performance and functionality of your Raspberry Pi 3.
(Backward compatible with all previous generations of Raspberry Pi).
 Triple layer shielding allows you to get the best performance from
your Wi-Fi and Bluetooth connectivity with your Raspberry Pi 3.
 Different cable options to suit your project - Choose between 1M & 2M
cable lengths in either Black or White. Meets the very latest HDMI Ver-
sion 2.0 standards.
Part Number
Colour
Length
CPRP010-W
White
1M
CPRP020-W
White
2M
CPRP010-B
Black
1M
CPRP020-B
Black
2M
Official Raspberry Pi
HDMI Cable


Similar Part No. - CPRP010-W

ManufacturerPart #DatasheetDescription
logo
Clarke International
CPRP560 CLARKE-CPRP560 Datasheet
3Mb / 16P
560W PUDDLE RESIDUE PUMP
GC08/ 22
logo
Automatic Timing & Cont...
CPRPS10 ATC-CPRPS10 Datasheet
343Kb / 1P
Liquid Level Pump Controller
CPRPS20 ATC-CPRPS20 Datasheet
343Kb / 1P
Liquid Level Pump Controller
CPRPS30 ATC-CPRPS30 Datasheet
343Kb / 1P
Liquid Level Pump Controller
CPRPS40 ATC-CPRPS40 Datasheet
343Kb / 1P
Liquid Level Pump Controller
More results

Similar Description - CPRP010-W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ULCD-28-PTU-PI ETC2-ULCD-28-PTU-PI Datasheet
480Kb / 9P
Raspberry Pi Display Module Pack
ULCD-43-PT-PI ETC2-ULCD-43-PT-PI Datasheet
442Kb / 10P
Raspberry Pi Display Module Pack
2144 ETC2-2144 Datasheet
62Kb / 1P
Flex Cable for Raspberry Pi Camera - 2 meters
logo
Future Technology Devic...
TTL-232R-RPI FTDI-TTL-232R-RPI Datasheet
495Kb / 12P
TTL-232R-RPi Debug Cable for Raspberry Pi
logo
SparkFun Electronics
PRT-14272 SPARKFUN-PRT-14272 Datasheet
173Kb / 2P
Raspberry Pi Zero Camera Cable
7??1??7
PRT-15008 SPARKFUN-PRT-15008 Datasheet
101Kb / 2P
Raspberry Pi 3 B Baseplate
10-29-18
logo
List of Unclassifed Man...
RASPBERRY-PI3-CASE ETC-RASPBERRY-PI3-CASE Datasheet
215Kb / 1P
Raspberry Pi Enclosure For the Raspberry Pi 3 Model B
RPI3-MODBP ETC-RPI3-MODBP Datasheet
686Kb / 5P
Raspberry Pi 3 Model B
logo
NimbeLink Corp.
NL-AB-RPI NIMBELINK-NL-AB-RPI Datasheet
613Kb / 10P
Skywire ® Raspberry Pi Adapter
March 2020
logo
List of Unclassifed Man...
THSER101 ETC-THSER101 Datasheet
1Mb / 8P
Cable Extension Kit for Raspberry Pi Camera
Rev. 1.10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com