Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPRP010-W Datasheet(PDF) 2 Page - Raspberry Pi Holdings PLC

Part # CPRP010-W
Description  Official Raspberry Pi HDMI Cable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RASPBERRY-PI [Raspberry Pi Holdings PLC]
Direct Link  https://www.raspberrypi.com/
Logo RASPBERRY-PI - Raspberry Pi Holdings PLC

CPRP010-W Datasheet(HTML) 2 Page - Raspberry Pi Holdings PLC

  CPRP010-W Datasheet HTML 1Page - Raspberry Pi Holdings PLC CPRP010-W Datasheet HTML 2Page - Raspberry Pi Holdings PLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
30/6.0 HDMI cable full 19+1pins, 30AWG, 6.0MM
2.0 Version with Ethernet and Audio return channel
Nickel plated contact to resist corrosion and for optimum connection and maximum sig-
nal transfer
Triple shielded to protect signal: Two layers of Aluminium Mylar & One layer of Aluminium
Magnesium (128 Strand)
RoHS soft PVC jacket for lifetime protection
Pure Oxygen-free copper for ultimate conductivity
Support 3D,4K*2K,17.8Gbps,2160P/60Hz and X.V.color
Features
Nickel Plated Connectors
RoHS Compliant
2160P
Electrical Specifications
Withstanding Voltage 300V DC 0.1 Sec.
Insulation Resistance 3M ohm 300V DC
Official Raspberry Pi
HDMI Cable



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com