Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAF1007 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SAF1007
Description  SAF Series Air Velocity Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SAF1007 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SAF1007 Datasheet HTML 1Page - List of Unclassifed Manufacturers SAF1007 Datasheet HTML 2Page - List of Unclassifed Manufacturers SAF1007 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
All SAF Series Sensors are designed to be used in conjunction with typical logic circuitry. They
operate on a +5 VDC supply and their output provides an open collector NPN transistor with its
emitter connected to ground (0v). This type of versatile output allows driving logic circuits, indicat-
ing incandescent or LED lights or even magnetic relays, from DC sources from 5V to 30V.
Mounting Accessories
♦ Military Socket Assembly with leads, no
mounting bracket - P/N 4-1-261
♦ Bracket only, with leads attached to SAF
Sensor - P/N 4-1-270
♦ Socket Assembly with mounting bracket
and leads - P/N 4-1-260



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com