Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAF1007 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SAF1007
Description  SAF Series Air Velocity Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SAF1007 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SAF1007 Datasheet HTML 1Page - List of Unclassifed Manufacturers SAF1007 Datasheet HTML 2Page - List of Unclassifed Manufacturers SAF1007 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SPECIFICATIONS
Input Voltage: +5 VDC (±5%)
Power Dissipation: ½w max
Output: open collector, solid
state, able to sink up to 100 MA
to ground, from DC sources up to
30V
Sensing range: 50 to 1500 F.P.M.
Sensing Tolerance: +10°C to
+60°C see ambient temperature
compensation curve
Sensitivity: ±25 F.P.M. from actual
setting
Hysteresis: Series SAF1005 (Stan-
dard Model) is typically 10% of
the setting
IMPROVED AMBIENT TEMPERATURE
COMPENSATION
Warren G-V design criteria for the SAF
Solid-State Airflow Sensor incorporates
ambient temperature compensation
techniques which provide close operating
point tolerances over the ambient range
of +10° to +60°C. The typical operating
point versus ambient temperature curve
for 250 FPM is illustrated. Curves for
other settings are available.
THE SAF SERIES
The Standard Series/SAF1005 - indicates an “alarm condi-
tion” on low or no airflow by turning output transistor “on”;
output is similar to a closed mechanical contact between
output and ground when in alarm condition. A round ver-
sion, SAF1006 without a flange is available for less board
space utilization.
The Fail Safe Series/SAF1025 - an alternative to above-
described series, a device failure indicates an “alarm condi-
tion” by turning the output “off”; similar to open contacts in
alarm condition. It will operate with a wider hysteresis.
The Hermetically Sealed Series - withstands all board
washing methods; more suitable for applications with hostile
environments. Sealed versions of all the above units are
available.
Output on
Alarm Condition
Driving
A Load
(Relay, Lamp)
ON
OFF
Logic
Interface
(Pull-up
Resistor)
ON
OFF
SAF Model Options
Flanged
SAF1005
SAF1025
Round
Base
SAF1006
SAF1026
Flanged
SAF1007
SAF1027
Round
Base
SAF1008
SAF1028
Dust Proof
Hermetically Sealed



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com