Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M34S32MN Datasheet(PDF) 10 Page - STMicroelectronics

Part # M34S32MN
Description  32K Serial I2C Bus EEPROM With User-Defined Read-Only Block and 32-Byte OTP Page
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34S32MN Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M34S32MN Datasheet HTML 6Page - STMicroelectronics M34S32MN Datasheet HTML 7Page - STMicroelectronics M34S32MN Datasheet HTML 8Page - STMicroelectronics M34S32MN Datasheet HTML 9Page - STMicroelectronics M34S32MN Datasheet HTML 10Page - STMicroelectronics M34S32MN Datasheet HTML 11Page - STMicroelectronics M34S32MN Datasheet HTML 12Page - STMicroelectronics M34S32MN Datasheet HTML 13Page - STMicroelectronics M34S32MN Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10/18
M34S32
If one bit of the Address bytes (excluding the three
most significant bits which are Don’t Care) differs
from the above values, the Address will be ac-
knowledged, data will not be acknowledged and
the WRITE instruction will be ignored.
The Page Write instruction must start with the first
byte that is located in the OTP page (address 0h),
otherwise the instruction will be ignored.
The first Write to the OTP page (whether it be a 1-
byte write, a 32-byte page write, or some size in
between) will disable any further write in the OTP
page.
Let us suppose that byte N of the OTP page has
just been addressed (for example because of a
Write in the OTP page or a Random read in the
OTP page). If the next instruction uses the Current
Read Mode of the device, the first byte read in
EEPROM will be in page 0, at address N+1 (or
page 1, byte 0 if the last OTP byte addressed was
at location 31).
Figure 9. Write Cycle Polling using ACK
WRITE Cycle
in Progress
AI02418
Next
Operation is
Addressing the
Memory
START Condition
DEVICE SELECT
with RW = 0
ACK
Returned
YES
NO
YES
NO
ReSTART
STOP
Proceed
WRITE Operation
Proceed
Random Address
READ Operation
Send
Byte Address
First byte of instruction
with RW = 0 already
decoded by M34Sxx
Example of a correct sequence, leading to a 3-
byte write in the OTP page:
Start
1010 0010
(OTP page select code)
Ack
1111 0000
(upper address, MSB)
Ack
0000 0000
(lower address, LSB)
Ack
0100 1101
(write 3 bytes of data)
Ack
(in the OTP page)
1100 1010
Ack
0101 0011
Ack
Stop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com