Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M34S32MN Datasheet(PDF) 6 Page - STMicroelectronics

Part # M34S32MN
Description  32K Serial I2C Bus EEPROM With User-Defined Read-Only Block and 32-Byte OTP Page
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34S32MN Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M34S32MN Datasheet HTML 2Page - STMicroelectronics M34S32MN Datasheet HTML 3Page - STMicroelectronics M34S32MN Datasheet HTML 4Page - STMicroelectronics M34S32MN Datasheet HTML 5Page - STMicroelectronics M34S32MN Datasheet HTML 6Page - STMicroelectronics M34S32MN Datasheet HTML 7Page - STMicroelectronics M34S32MN Datasheet HTML 8Page - STMicroelectronics M34S32MN Datasheet HTML 9Page - STMicroelectronics M34S32MN Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6/18
M34S32
Table 7. AC Measurement Conditions
Input Rise and
Fall Times
≤ 50ns
Input Pulse
Voltages
0.2 VCC to 0.8 VCC
Input and Output
Timing Reference
Voltages
0.3 VCC to 0.7 VCC
Table 8. AC Characteristics (TA = 0 to 70°C,
–40 to 85°C; VCC = 4.5V to 5.5V, 2.5V to 5.5V)
Symbol
Alt.
Parameter
M34S32
Unit
VCC = 4.5V to
5.5V
VCC = 2.5V to
5.5V
Min.
Max.
Min.
Max.
tCH1CH2
tR
Clock Rise Time
300
300
ns
tCL1CL2
tF
Clock Fall Time
300
300
ns
tDH1DH2
(1)
tR
SDA Rise Time
20
300
20
300
ns
tDL1DL2
(1)
tF
SDA Fall Time
20
300
20
300
ns
tCHDX
(2)
tSU:STA Clock High to Input Transition
600
600
ns
tCHCL
tHIGH
Clock Pulse Width High
600
600
ns
tDLCL
tHD:STA Input Low to Clock Low (START)
600
600
ns
tCLDX
tHD:DAT Clock Low to Input Transition
0
0
µs
tCLCH
tLOW
Clock Pulse Width Low
1300
1300
ns
tDXCX
tSU:DAT Input Transition to Clock Transition
100
100
ns
tCHDH
tSU:STO Clock High to Input High (STOP)
600
600
ns
tDHDL
tBUF
Input High to Input Low (Bus Free)
1300
1300
ns
tCLQV
(3)
tAA
Clock Low to Next Data Out Valid
200
900
200
900
ns
tQLQx
tDH
Data Out Hold Time
200
200
ns
fC
fSCL
Clock Frequency
400
400
kHz
tW
tWR
Write Time
10
10
ms
Note: 1. Sampled only, not 100% tested in production.
2. For a reSTART condition, or following a write cycle.
3. The minimum value delays the falling/rising edge of SDA away from SCL=1 in order to avoid unwanted START and/or STOP
conditions.
Figure 6. AC Testing Input/Output Waveforms
AI00825
0.8VCC
0.2VCC
0.7VCC
0.3VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com