Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35080BN Datasheet(PDF) 13 Page - STMicroelectronics

Part # M35080BN
Description  8 Kbit Serial SPI Bus EEPROM With Incremental Registers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M35080BN Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M35080BN Datasheet HTML 9Page - STMicroelectronics M35080BN Datasheet HTML 10Page - STMicroelectronics M35080BN Datasheet HTML 11Page - STMicroelectronics M35080BN Datasheet HTML 12Page - STMicroelectronics M35080BN Datasheet HTML 13Page - STMicroelectronics M35080BN Datasheet HTML 14Page - STMicroelectronics M35080BN Datasheet HTML 15Page - STMicroelectronics M35080BN Datasheet HTML 16Page - STMicroelectronics M35080BN Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
13/18
M35080
Table 12. AC Characteristics
Note: 1. tCH + tCL ≥1/fc
2. Value guaranteed by characterization, not 100% tested in production.
Symbol
Alt.
Parameter
M35080
Unit
VCC = 4.5V to 5.5V,
TA = 0 to 70°C,
TA = –40 to 85°C
VCC = 4.5V to 5.5V,
TA = –40 to 125°C
Min
Max
Min
Max
fC
fC
Clock Frequency
D.C.
5
D.C.
2.1
MHz
tSLCH
tCSS
S Active Setup Time
100
100
ns
tCHSL
S Not Active Hold Time
100
100
ns
tCH
(1)
tCLH
Clock High Time
60
200
ns
tCL
(1)
tCLL
Clock Low Time
80
200
ns
tCLCH
tRC
Clock Rise Time
1
1
µs
tCHCL
tFC
Clock Fall Time
1
1
µs
tDVCH
tDSU
Data In Setup Time
20
50
ns
tCHDX
tDH
Data In Hold Time
30
60
ns
tDLDH
tRI
Data In Rise Time
1
1
µs
tDHDL
tFI
Data In Fall Time
1
1
µs
tCHSH
S Active Hold Time
200
200
ns
tSHCH
S Not Active Setup Time
100
100
ns
tSHSL
tCSH
S Deselect Time
200
200
ns
tSHQZ
tDIS
Output Disable Time
100
150
ns
tCLQV
tV
Clock Low to Output Valid
60
300
ns
tCLQX
tHO
Output Hold Time
0
0
ns
tQLQH
(2)
tRO
Output Rise Time
100
100
ns
tQHQL
(2)
tFO
Output Fall Time
100
100
ns
tW
tWP
Write Cycle Time
10
10
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com