Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35080BN Datasheet(PDF) 15 Page - STMicroelectronics

Part # M35080BN
Description  8 Kbit Serial SPI Bus EEPROM With Incremental Registers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M35080BN Datasheet(HTML) 15 Page - STMicroelectronics

Back Button M35080BN Datasheet HTML 10Page - STMicroelectronics M35080BN Datasheet HTML 11Page - STMicroelectronics M35080BN Datasheet HTML 12Page - STMicroelectronics M35080BN Datasheet HTML 13Page - STMicroelectronics M35080BN Datasheet HTML 14Page - STMicroelectronics M35080BN Datasheet HTML 15Page - STMicroelectronics M35080BN Datasheet HTML 16Page - STMicroelectronics M35080BN Datasheet HTML 17Page - STMicroelectronics M35080BN Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
15/18
M35080
Table 13. Ordering Information Scheme
Example:
M35080
–MN
6
T
Package
BN
PSDIP8 (0.25 mm frame)
MN
SO8 (150 mil width)
Temperature Range
Option
6
–40 °C to 85 °C
T
Tape and Reel Packing
3
–40 °C to 125 °C
ORDERING INFORMATION
The notation used for the device number is as
shown in Table 13. For a list of available options
(speed, package, etc.) or for further information on
any aspect of this device, please contact the ST
Sales Office nearest to you.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com