Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPC0103 Datasheet(PDF) 1 Page - Proto Advantage SMD Adapter

Part # IPC0103
Description  LGA-10 to DIP-10 SMT Adapter (3.0 x 5.0 mm body)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

IPC0103 Datasheet(HTML) 1 Page - Proto Advantage SMD Adapter

  IPC0103 Datasheet HTML 1Page - Proto Advantage SMD Adapter IPC0103 Datasheet HTML 2Page - Proto Advantage SMD Adapter  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Datasheet revision 1.0
www.Proto-Advantage.com
LGA-10 to DIP-10 SMT Adapter (3.0 x 5.0 mm body)
DIMENSIONS
REF.
mm
inches
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
1.60
A2
3.33
B
0.70
C
0.60
D
0.57
E
1.27
F
0.600
G
0.100
H
0.025
Top View (SMT Footprint)
(Representative drawing only - not to scale)
1
© 2012 Proto Advantage
B
C
D
E
A
A2
IIIP
P
PC
C
C0
0
01
1
10
0
03
3
3


Similar Part No. - IPC0103

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
IPC0100 PROTOADVANTAGE-IPC0100 Datasheet
44Kb / 2P
QFN-32 to DIP-36 SMT Adapter (0.65 mm pitch, 6.0 x 6.0 mm body, 4.0 x 4.0 mm pad)
revision 1.0
IPC0101 PROTOADVANTAGE-IPC0101 Datasheet
44Kb / 2P
QFN-56 to DIP-60 SMT Adapter (0.4 mm pitch, 5.0 x 9.0 mm body, 3.45 x 7.13 mm pad)
revision 1.0
IPC0102 PROTOADVANTAGE-IPC0102 Datasheet
44Kb / 2P
QFN-20 to DIP-20 SMT Adapter (0.4 mm pitch, 3.0 x 3.0 mm body)
revision 1.0
IPC0104 PROTOADVANTAGE-IPC0104 Datasheet
44Kb / 2P
DFN-12 to DIP-16 SMT Adapter (0.45 mm pitch, 3.0 x 2.0 mm body)
revision 1.0
IPC0105 PROTOADVANTAGE-IPC0105 Datasheet
44Kb / 2P
LGA-28 to DIP-28 SMT Adapter (0.5 mm pitch, 4.0 x 5.0 mm body)
revision 1.0
More results

Similar Description - IPC0103

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
1111841-8 ARIES-1111841-8 Datasheet
433Kb / 1P
0.5mm 8- and 10-Pin MSOP-to-0.300" DIP Adapter
logo
GREATECS
RD1 GREATECS-RD1 Datasheet
314Kb / 1P
10 x 10 mm Rotary DIP Switches with 3:3 Pinout
RD2 GREATECS-RD2 Datasheet
272Kb / 1P
10 x 10 mm Rotary DIP Switches with 1:4 Pinout
RD82T GREATECS-RD82T Datasheet
376Kb / 2P
10 x 10 mm Sealed Rotary DIP Switches (THR)
RD83T GREATECS-RD83T Datasheet
394Kb / 2P
10 x 10 mm Sealed Rotary DIP Switches (THR)
logo
Aries Electronics, Inc.
18005 ARIES-18005 Datasheet
613Kb / 1P
Series 350000-10-HT High-Temperature SOIC-to-DIP Adapter
18067 ARIES-18067 Datasheet
515Kb / 1P
P/N 1111841-X 0.5mm 8- and 10-Pin MSOP-to-0.300" DIP Adapter
logo
Amphenol Corporation
AD-4310P4310J-1 AMPHENOL-AD-4310P4310J-1 Datasheet
245Kb / 1P
4.3-10 JACK TO 4.3-10 PLUG ADAPTER
logo
Recom International Pow...
RPL-3.0 RECOM-RPL-3.0 Datasheet
1Mb / 8P
3.0 Amp 10 Pad LGA Package
logo
Bel Fuse Inc.
MBC300 BEL-MBC300 Datasheet
929Kb / 7P
5.0 x 3.0 x 1.5 in (127.0 x 76.2 x 38.1 mm)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com