Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M36DR432AD Datasheet(PDF) 39 Page - STMicroelectronics

Part # M36DR432AD
Description  32 Mbit 2Mb x16, Dual Bank, Page Flash Memory and 4 Mbit 256Kb x16 SRAM, Multiple Memory Product
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M36DR432AD Datasheet(HTML) 39 Page - STMicroelectronics

Back Button M36DR432AD Datasheet HTML 35Page - STMicroelectronics M36DR432AD Datasheet HTML 36Page - STMicroelectronics M36DR432AD Datasheet HTML 37Page - STMicroelectronics M36DR432AD Datasheet HTML 38Page - STMicroelectronics M36DR432AD Datasheet HTML 39Page - STMicroelectronics M36DR432AD Datasheet HTML 40Page - STMicroelectronics M36DR432AD Datasheet HTML 41Page - STMicroelectronics M36DR432AD Datasheet HTML 42Page - STMicroelectronics M36DR432AD Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
39/52
M36DR432AD, M36DR432BD
Figure 19. SRAM Standby AC Waveforms
Table 23. SRAM Read AC Characteristics)
Note: 1. Sampled only. Not 100% tested.
Symbol
Alt
Parameter
SRAM
Unit
70
Min
Max
tAVAV
tRC
Read Cycle Time
70
ns
tAVQV
tAA
Address Valid to Output Valid
70
ns
tAXQX
tOH
Address Transition to Output Transition
10
ns
tBHQZ
tBHZ
UBS, LBS Disable to Hi-Z Output
25
ns
tBLQV
tBA
UBS, LBS Access Time
45
ns
tBLQX
tBLZ
UBS, LBS Enable to Low-Z Output
5
ns
tEHQZ
tHZ
Chip Enable High to Output Hi-Z
25
ns
tELQV
tACE
Chip Enable Low to Output Valid
70
ns
tELQX
tLZ
Chip Enable Low to Output Transition
5
ns
tGHQZ
tOHZ
Output Enable High to Output Hi-Z
25
ns
tGLQV
tEO
Output Enable Low to Output Valid
35
ns
tGLQX
tOLZ
Output Enable Low to Output Transition
5
ns
tPD
(1)
Chip Enable High to Power Down
70
ns
tPU
(1)
Chip Enable Low to Power Up
0
ns
AI07320
tPD
IDD
tPU
ES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com