Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M36DR432AD Datasheet(PDF) 42 Page - STMicroelectronics

Part # M36DR432AD
Description  32 Mbit 2Mb x16, Dual Bank, Page Flash Memory and 4 Mbit 256Kb x16 SRAM, Multiple Memory Product
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M36DR432AD Datasheet(HTML) 42 Page - STMicroelectronics

Back Button M36DR432AD Datasheet HTML 38Page - STMicroelectronics M36DR432AD Datasheet HTML 39Page - STMicroelectronics M36DR432AD Datasheet HTML 40Page - STMicroelectronics M36DR432AD Datasheet HTML 41Page - STMicroelectronics M36DR432AD Datasheet HTML 42Page - STMicroelectronics M36DR432AD Datasheet HTML 43Page - STMicroelectronics M36DR432AD Datasheet HTML 44Page - STMicroelectronics M36DR432AD Datasheet HTML 45Page - STMicroelectronics M36DR432AD Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 52 page
background image
M36DR432AD, M36DR432BD
42/52
Table 24. SRAM Write AC Characteristics
Note: 1. tAS is measured from the address valid to the beginning of write.
2. tWR is measured from the end or write to the address change. tWR applied in case a write ends as ES or WS goes High.
3. tCW is measured from ES going Low end of write.
4. A Write occurs during the overlap (tWP) of Low ES and Low WS. A write begins when ES goes Low and WS goes Low with asserting
UBS or LBS for single byte operation or simultaneously asserting UBS and LBS for double byte operation. A write ends at the ear-
liest transition when ES goes High and WS goes High. The tWP is measured from the beginning of write to the end of write.
Figure 24. SRAM Low VDDS Data Retention AC Waveforms, ES Controlled
Symbol
Alt
Parameter
SRAM
Unit
70
Min
Max
tAVAV
tWC
Write Cycle Time
70
ns
tAVEL
tAS
(1)
Address Valid to Chip Enable Low
0
ns
tAVWH
tAW
Address Valid to Write Enable High
60
ns
tAVWL
tAS
(1)
Address Valid to Write Enable Low
0
ns
tBLWH
tBW
UBS, LBS Valid to End of Write
60
ns
tDVWH
tDW
Input Valid to Write Enable High
30
ns
tEHAX
tWR
(2)
Chip Enable High to Address Transition
0
ns
tELWH,
tCW
(3)
Chip Select to End of Write
60
ns
tWHAX
tWR
(2)
Write Enable High to Address Transition
0
ns
tWHDX
tDH
Write Enable High to Input Transition
0
ns
tWHQX
tOW
Write Enable High to Output Transition
10
ns
tWLQZ
tWHZ
Write Enable Low to Output Hi-Z
25
ns
tWLWH
tWP
(4)
Write Enable Pulse Width
50
ns
AI07325
1.65 V
ES
tCDR
ES
≥ VDDS – 0.2V
1.0 V
VDR ≥
VDDS
tR
DATA RETENTION MODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com