Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQ201 Datasheet(PDF) 1 Page - Pico Technology Ltd.

Part # PQ201
Description  PicoScope® 6000E Series Smarter scopes for faster debug
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

PQ201 Datasheet(HTML) 1 Page - Pico Technology Ltd.

  PQ201 Datasheet HTML 1Page - Pico Technology Ltd. PQ201 Datasheet HTML 2Page - Pico Technology Ltd. PQ201 Datasheet HTML 3Page - Pico Technology Ltd. PQ201 Datasheet HTML 4Page - Pico Technology Ltd. PQ201 Datasheet HTML 5Page - Pico Technology Ltd. PQ201 Datasheet HTML 6Page - Pico Technology Ltd. PQ201 Datasheet HTML 7Page - Pico Technology Ltd. PQ201 Datasheet HTML 8Page - Pico Technology Ltd. PQ201 Datasheet HTML 9Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
www.picotech.com
Smarter scopes for faster debug
PicoScope® 6000E Series
Deep-memory, high-performance oscilloscopes
Up to 3 GHz bandwidth
8-bit to 12-bit FlexRes® ADC
A choice of 4 (up to 3 GHz) or 8 (up to 500 MHz) analog channels
Supports up to 16 digital MSO channels
200 ms capture time at 5 GS/s
Up to 10 GS/s with the PicoScope 6428E-D
Up to 4 GS capture memory
50 MHz 200 MS/s 14-bit AWG
300 000 waveforms per second update rate
PicoScope, PicoLog® and PicoSDK® software included
38 serial protocol decoder/analyzers included
Mask limit testing and user-definable actions
High-resolution time-stamping of waveforms
Over ten million DeepMeasure™ results per acquisition
Advanced triggers: edge, window, pulse width, window pulse width, level
dropout, window dropout, interval, runt, rise/fall time and logic


Similar Part No. - PQ201

ManufacturerPart #DatasheetDescription
logo
Pico Technology Ltd.
PQ201 PICO-PQ201 Datasheet
10Mb / 39P
Smarter scopes for faster debug
logo
Pulse A Technitrol Comp...
PQ2016 PULSE-PQ2016 Datasheet
1Mb / 3P
POWER MAGNETICS
logo
Sumida Corporation
PQ2019 SUMIDA-PQ2019 Datasheet
51Kb / 1P
General Power Transformer
More results

Similar Description - PQ201

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
B8845NL PULSE-B8845NL Datasheet
132Kb / 1P
XDSL SPLITTER FILTER MODULE SmartER series
logo
List of Unclassifed Man...
IS15DSBFP4RGB ETC2-IS15DSBFP4RGB Datasheet
3Mb / 5P
Switches that make you smarter
logo
Hamamatsu Corporation
EMX2C9100-23B HAMAMATSU-EMX2C9100-23B Datasheet
585Kb / 8P
Multiply faster
logo
Silicon Laboratories
AN764 SILABS-AN764 Datasheet
951Kb / 6P
Faster conversion time
logo
STMicroelectronics
STEVAL-IDS001V5M STMICROELECTRONICS-STEVAL-IDS001V5M Datasheet
266Kb / 6P
Debug connector
17-Jul-2015
AN4989 STMICROELECTRONICS-AN4989 Datasheet
5Mb / 99P
STM32 microcontroller debug toolbox
29-Jun-2017
logo
Qorvo, Inc
DWM1001-DEV QORVO-DWM1001-DEV Datasheet
1Mb / 15P
USB connection for reprogramming, debug & power supply
logo
Microchip Technology
AC162059 MICROCHIP-AC162059 Datasheet
782Kb / 78P
Debug Header Specification
2006-2012
logo
Pico Technology Ltd.
3405D PICO-3405D Datasheet
2Mb / 26P
PicoScope® 3000 Series PC oscilloscopes and MSOs
2013-2016
6000E PICO-6000E Datasheet
10Mb / 39P
Smarter scopes for faster debug
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com