Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQ201 Datasheet(PDF) 18 Page - Pico Technology Ltd.

Part # PQ201
Description  PicoScope® 6000E Series Smarter scopes for faster debug
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

PQ201 Datasheet(HTML) 18 Page - Pico Technology Ltd.

Back Button PQ201 Datasheet HTML 14Page - Pico Technology Ltd. PQ201 Datasheet HTML 15Page - Pico Technology Ltd. PQ201 Datasheet HTML 16Page - Pico Technology Ltd. PQ201 Datasheet HTML 17Page - Pico Technology Ltd. PQ201 Datasheet HTML 18Page - Pico Technology Ltd. PQ201 Datasheet HTML 19Page - Pico Technology Ltd. PQ201 Datasheet HTML 20Page - Pico Technology Ltd. PQ201 Datasheet HTML 21Page - Pico Technology Ltd. PQ201 Datasheet HTML 22Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
PicoScope® 6000E Series
FFT spectrum analyzer
The spectrum view plots amplitude against frequency and is ideal for finding noise,
crosstalk or distortion in signals. The spectrum analyzer in PicoScope is of the Fast
Fourier Transform (FFT) type which, unlike a traditional swept spectrum analyzer, can
display the spectrum of a single, non-repeating waveform. With up to a million points,
PicoScope’s FFT has excellent frequency resolution and a low noise floor.
With a click of a button, you can display a spectrum plot of the active channels, with a
maximum frequency up to the bandwidth of your scope. A full range of settings gives
you control over the number of spectrum bands (FFT bins), scaling (including log/
log) and display modes (instantaneous, average, or peak-hold). A selection of window
functions allow you to optimize for selectivity, accuracy or dynamic range.
You can display multiple spectrum views alongside oscilloscope views of the same
data. A comprehensive set of automatic frequency-domain measurements can be added
to the display, including THD, THD+N, SNR, SINAD and IMD. A mask limit test can be
applied to a spectrum and you can even use the AWG and spectrum mode together to
perform swept scalar network analysis.
Frequency domain display showing 1 MHz carrier and modulated sideband
2.25 GHz spectrum with SFDR
Harmonics of a square-wave signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com