Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPS300. Datasheet(PDF) 3 Page - K.A. Schmersal GmbH & Co. KG

Part # BPS300.
Description  Thermoplastic enclosure
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHMERSAL [K.A. Schmersal GmbH & Co. KG]
Direct Link  https://www.schmersal.com/en/home
Logo SCHMERSAL - K.A. Schmersal GmbH & Co. KG

BPS300. Datasheet(HTML) 3 Page - K.A. Schmersal GmbH & Co. KG

  BPS300. Datasheet HTML 1Page - K.A. Schmersal GmbH & Co. KG BPS300. Datasheet HTML 2Page - K.A. Schmersal GmbH & Co. KG BPS300. Datasheet HTML 3Page - K.A. Schmersal GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
315
Schmersal Industrial Switchgear
5.
5.5
Magnetic safety sensors
Technical data
BNS 180
BNS 303
BNS 300
Standards:
DIN VDE 0660-209, EN 1088, BG-GS-ET-14
DIN VDE 0660-209, EN 1088,
(In combination with AES safety monitoring
EN 954-1, BG-GS-ET-14
modules)
Design:
Cylindrical
Enclosure material:
Glass-fibre reinforced
Glass-fibre reinforced thermoplastic
thermoplastic
Tightening force on 2 thermoplastic nuts 36 mm A/F max. 300 Ncm
Tightening force
on nut 24 mm A/F
max. 500 Ncm
Protection class:
IP 67
to IEC/EN 60529/DIN VDE 0470-1
Termination:
Boflex cable 4 x 0.25 mm2
Boflex cable 4 x 0.75 mm2
Mode of operation:
Magnetic
Limiting distances:
20 mm
5 mm
32 mm
15 mm
Switching-position indicator:
–
–
LED
Actuator:
Uncoded,
Coded,
BP 10, BP 15 SS
BPS 300, BPS 303, BPS 303 SS
Max. switching voltage:
Without LED
100 VAC/DC
–
With LED
–
24 VDC
250 VAC
With connector
–
–
–
Max. switching current:
Without LED
250 mA
400 mA
–
With LED
–
10 mA
3 A
Output:
–
–
1 enabling circuit
Operating voltage:
–
–
24 VDC
Operating current:
–
–
30 mA
Max. switching capacity:
–
Without LED
3 VA/W
10 VA/W
–
With LED
–
240 mW
750 VA
Ambient temperature:
– 25 °C … + 70 °C
– 25 °C … + 55 °C
Storage and transport
temperature:
– 25 °C … + 70 °C
Resistance to shock:
30 g / 11 ms
Resistance to vibration:
10 … 55 Hz, amplitude 1 mm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com