Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPS300. Datasheet(PDF) 1 Page - K.A. Schmersal GmbH & Co. KG

Part # BPS300.
Description  Thermoplastic enclosure
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHMERSAL [K.A. Schmersal GmbH & Co. KG]
Direct Link  https://www.schmersal.com/en/home
Logo SCHMERSAL - K.A. Schmersal GmbH & Co. KG

BPS300. Datasheet(HTML) 1 Page - K.A. Schmersal GmbH & Co. KG

  BPS300. Datasheet HTML 1Page - K.A. Schmersal GmbH & Co. KG BPS300. Datasheet HTML 2Page - K.A. Schmersal GmbH & Co. KG BPS300. Datasheet HTML 3Page - K.A. Schmersal GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
310
Schmersal Industrial Switchgear
44
1000
6
36
BK 13
WH 21
14 BU
22 BN
BK 22
WH 32
14 BU
C BN
BK 13
WH 21
14 BU
22 BN
BK 22
WH 32
14 BU
C BN
Magnetic safety sensors
Cylindrical design
BNS 303 range
5.
5.3
5.3.3
Features
• Thermoplastic enclosure
• Protection against manipulation
• Long life, no mechanical wear
• IP 67
• Suitable for food processing industry
• Insensitive to transverse misalignment
• Concealed mounting possible
• Insensitive to soiling
Notes
The LED is illuminated when the guard is open.
Contact symbols shown for the closed condition of the guard device.
The actuator for the magnetic safety sensors must be ordered separately.
HC D
D
USA
CAN
1 NO
1 NC
Contacts
Without LED
With LED
Control Category
Using safety monitoring
modules
Actuator
Actuator for
food processing industry
BNS 303-11z
BNS 303-11zG
3
From AES range, which
fulfill Control Category 3
(see chapter 10.2)
BPS 300
BPS 303, BPS 303 SS
Approvals
1 NO
2 NC
BNS 303-12z
BNS 303-12zG
1
AES 6112, 7112, 1102 or
1112 (see chapter 10.2)
Monitoring up to two
guard devices
BPS 300
BPS 303, BPS 303 SS
With LED


Similar Part No. - BPS300.

ManufacturerPart #DatasheetDescription
logo
K.A. Schmersal GmbH & C...
BPS300 SCHMERSAL-BPS300 Datasheet
73Kb / 1P
SWITCH, SAFETY, MAGNETIC; For Use With:Safety Sensors; IP / NEMA Rating:-; Product Range:-
2011-04-21
More results

Similar Description - BPS300.

ManufacturerPart #DatasheetDescription
logo
Altech corporation
4-001-Q-10 ALTECH-4-001-Q-10 Datasheet
226Kb / 1P
22 mm Thermoplastic Enclosure White/Black Operator Capacity 1
3-001-Q-11 ALTECH-3-001-Q-11 Datasheet
221Kb / 1P
22 mm Thermoplastic Enclosure White/Black Operator Capacity 1
P2AS2-X ALTECH-P2AS2-X Datasheet
262Kb / 1P
22 mm Thermoplastic Enclosure Selector Switch P2AS2-x (x=type)
P2APX ALTECH-P2APX Datasheet
242Kb / 1P
22 mm Thermoplastic Enclosure Projecting Push Button P2APx
P2AMPP4 ALTECH-P2AMPP4 Datasheet
271Kb / 1P
22 mm Thermoplastic Enclosure Mushroom Push-Pull Operator
P2AMLS4 ALTECH-P2AMLS4 Datasheet
264Kb / 1P
22 mm Thermoplastic Enclosure Mushroom Push-Turn Operator
P2AML4 ALTECH-P2AML4 Datasheet
284Kb / 1P
22 mm Thermoplastic Enclosure Mushroom Push-Turn Operator
P2AM4 ALTECH-P2AM4 Datasheet
262Kb / 1P
22 mm Thermoplastic Enclosure Mushroom Momentary Operator
P2AFX ALTECH-P2AFX Datasheet
248Kb / 1P
22 mm Thermoplastic Enclosure Flush Momentary Operator P2AFx
logo
DB Lectro Inc
SSL11-J2LJ0 DBLECTRO-SSL11-J2LJ0 Datasheet
225Kb / 3P
Gold plated. thermoplastic
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com