Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1237000000 Datasheet(PDF) 2 Page - Weidmuller

Part # 1237000000
Description  SCZ 3.81/04/180GZE SN OR BX
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1237000000 Datasheet(HTML) 2 Page - Weidmuller

  1237000000 Datasheet HTML 1Page - Weidmuller 1237000000 Datasheet HTML 2Page - Weidmuller 1237000000 Datasheet HTML 3Page - Weidmuller 1237000000 Datasheet HTML 4Page - Weidmuller 1237000000 Datasheet HTML 5Page - Weidmuller 1237000000 Datasheet HTML 6Page - Weidmuller 1237000000 Datasheet HTML 7Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Data sheet
SCZ 3.81/04/180GZE SN OR BX
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
Technical data
 
Approvals
 
Approvals
ROHS
Conform
UL File Number Search
UL Website
Certificate No. (cURus)
E60693
 
Dimensions and weights
 
Depth
42.1 mm
Depth (inches)
1.6575 inch
Height
12.5 mm
Height (inches)
0.4921 inch
Net weight
4.58 g
 
Environmental Product Compliance
 
RoHS Compliance Status
Compliant with exemption
RoHS Exemption (if applicable/known) 6c
REACH SVHC
Lead 7439-92-1
SCIP
cec56c8c-fe86-40ec-b01a-efe288a878ac
 
System Parameters
 
Product family
OMNIMATE Signal - series BC/SC 3.81
Type of connection
Field connection
Wire connection method
Clamping yoke connection
Pitch in mm (P)
3.81 mm
Pitch in inches (P)
0.150 "
Conductor outlet direction
180°
Number of poles
4
L1 in mm
11.43 mm
L1 in inches
0.450 "
Number of rows
1
Pin series quantity
1
Rated cross-section
1 mm²
Touch-safe protection acc. to DIN VDE
57 106
finger-safe plugged/ back-of-hand-safe unplugged
Touch-safe protection acc. to DIN VDE
0470
IP20 plugged/ IP10 unplugged
Volume resistance
≤5 mΩ
Can be coded
Yes
Stripping length
7 mm
Clamping screw
M 2
Screwdriver blade
0.4 x 2.5
Screwdriver blade standard
DIN 5264
Plugging cycles
25
Plugging force/pole, max.
8 N
Pulling force/pole, max.
5 N
Tightening torque
Torque type
Wire connection
Usage information
Tightening torque
min.
0.2 Nm
max.
0.25 Nm
 
Material data
 
Insulating material
PA 66 GF 30
Colour
orange
Colour chart (similar)
RAL 2000
Insulating material group
II
 
Creation date 27.02.2026 10:52:02 MEZ
 
Catalogue status / Drawings
2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com